Electronic Components Datasheet Search
  English  ▼

X  

VDP3108 Datasheet(PDF) 44 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 44 Page - Micronas

Back Button VDP3108 Datasheet HTML 40Page - Micronas VDP3108 Datasheet HTML 41Page - Micronas VDP3108 Datasheet HTML 42Page - Micronas VDP3108 Datasheet HTML 43Page - Micronas VDP3108 Datasheet HTML 44Page - Micronas VDP3108 Datasheet HTML 45Page - Micronas VDP3108 Datasheet HTML 46Page - Micronas VDP3108 Datasheet HTML 47Page - Micronas VDP3108 Datasheet HTML 48Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
44
4.6. Electrical Characteristics
4.6.1. Absolute Maximum Ratings
Symbol
Parameter
Pin No.
Min.
Max.
Unit
TA
Ambient Operating Temperature
–
0
65
° C
TS
Storage Temperature
–
–40
125
° C
VSUP
Supply Voltage, all Supply Inputs
–0.3
6
V
VI
Input Voltage, all Inputs
–0.3
VSUP+0.3
V
VO
Output Voltage, all Outputs
–0.3
VSUP+0.3
V
4.6.2. Recommended Operating Conditions
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
TA
Ambient Operating Temperature
–
0
–
65
5C
VSUP
Supply Voltages, all Supply Pins
4.75
5.0
5.25
V
fXTAL
Clock Frequency
XTAL1,
XTAL2
20.25
MHz
4.6.3. Characteristics
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
IVSUPB
Current Consumption Backend
VSUPB
58
70
85
mA
IVSUPF
Current Consumption
VSUPF
40
mA
IVSUPD
Current Consumption
VSUPD
140
mA
IVSUPO
Current Consumption
VSUPO
5
mA
IVSTDBY
Current Consumption
VSTDBY
3
mA
PTOT
Total Power Dissipation
1.3
W
4.6.4. Recommended Crystal Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Ambient Temperature
0
–
65
° C
fP
Parallel Resonance Frequency
with Load Capacitance CL=10pF
–
20.250000
–
MHz
∆fP/fP
Accuracy of Adjustment
–
–
+/– 20
ppm
∆fP/fP
Frequency Temperature Drift
–
–
+/– 30
ppm
C0
Shunt Capacitance
3
–
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com