Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 26 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 26 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 22Page - Microchip Technology LAN91C111 Datasheet HTML 23Page - Microchip Technology LAN91C111 Datasheet HTML 24Page - Microchip Technology LAN91C111 Datasheet HTML 25Page - Microchip Technology LAN91C111 Datasheet HTML 26Page - Microchip Technology LAN91C111 Datasheet HTML 27Page - Microchip Technology LAN91C111 Datasheet HTML 28Page - Microchip Technology LAN91C111 Datasheet HTML 29Page - Microchip Technology LAN91C111 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 125 page
background image
LAN91C111
DS00002276A-page 26
 2011-2016 Microchip Technology Inc.
7.7.7.2
Transmitter - 10 Mbps
The transmitter operation in 10 Mbps mode is much different than the 100 Mbps transmitter. Even so, the transmitter
still consists of a waveform generator and line driver.
The purpose of the waveform generator is to shape the output transmit pulse. The waveform generator consists of a
ROM, DAC, dock generator, and filter. The DAC generates a stair-stepped representation of the desired output wave-
form. The stairstepped DAC output then goes through a low pass filter in order to "smooth' the DAC output and remove
any high frequency components. The DAC values are determined from the ROM outputs; the ROM contents are chosen
to shape the pulse to the desired template and are clocked into the DAC at high speed by the clock generator. In this
way, the waveform generator preshapes the output waveform to be transmitted onto the twisted pair cable to meet the
pulse template requirements outlined in IEEE 802.3 Clause 14 and also shown in Figure 7-4. The waveshaper replaces
and eliminates external filters on the TP transmit output.
The line driver converts the shaped and smoothed waveform to a current output that can drive 100 meters of category
3/4/5 100 Ohm unshielded twisted pair cable or 150 Ohm shielded twisted pair cable tied directly to the TP output pins
without any external filters. During the idle period, no output signal is transmitted on the TP outputs (except link pulse).
FIGURE 7-4:
TP OUTPUT VOLTAGE TEMPLATE - 10 MBPS
Reference
Time (NS) Internal MAU
Voltage (V)
A0
0
B15
1.0
C15
0.4
D25
0.55
E32
0.45
F39
0
0
1020
30
40
5060
70
80
90
100
1
10
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
TIME (ns)
B
C
D
A
I
J
W
V
T
G
S
Q
N
O
P
E
F
M
H
R
U
L K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com