Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 45 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 45 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 41Page - Microchip Technology LAN91C111 Datasheet HTML 42Page - Microchip Technology LAN91C111 Datasheet HTML 43Page - Microchip Technology LAN91C111 Datasheet HTML 44Page - Microchip Technology LAN91C111 Datasheet HTML 45Page - Microchip Technology LAN91C111 Datasheet HTML 46Page - Microchip Technology LAN91C111 Datasheet HTML 47Page - Microchip Technology LAN91C111 Datasheet HTML 48Page - Microchip Technology LAN91C111 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 45
LAN91C111
8.8
Bank 0 - Counter Register
Counts four parameters for MAC statistics. When any counter reaches 15 an interrupt is issued. All counters are cleared
when reading the register and do not wrap around beyond 15.
Each four bit counter is incremented every time the corresponding event, as defined in the EPH STATUS REGISTER
bit description, occurs. Note that the counters can only increment once per enqueued transmit packet, never faster, lim-
iting the rate of interrupts that can be generated by the counters. For example if a packet is successfully transmitted
after one collision the SINGLE COLLISION COUNT field is incremented by one. If a packet experiences between 2 to
16 collisions, the MULTIPLE COLLISION COUNT field is incremented by one. If a packet experiences deferral the
NUMBER OF DEFERRED TX field is incremented by one, even if the packet experienced multiple deferrals during its
collision retries.
The COUNTER REGISTER facilitates maintaining statistics in the AUTO RELEASE mode where no transmit interrupts
are generated on successful transmissions.
Reading the register in the transmit service routine will be enough to maintain statistics.
8.9
Bank 0 - Memory Information Register
FREE MEMORY AVAILABLE - This register can be read at any time to determine the amount of free memory. The reg-
ister defaults to the MEMORY SIZE upon POR (Power On Reset) or upon the RESET MMU command.
MEMORY SIZE - This register can be read to determine the total memory size.
All memory related information is represented in 2K * M byte units, where the multiplier M is 1 for LAN91C111.
OFFSET
NAME
TYPE
SYMBOL
6
COUNTER REGISTER
READ ONLY
ECR
HIGH
BYTE
NUMBER OF EXC. DEFFERED TX
NUMBER OF DEFFERED TX
000
000
00
LOW
BYTE
MULTIPLE COLLISION COUNT
SINGLE COLLISION COUNT
000
000
00
OFFSET
NAME
TYPE
SYMBOL
8
MEMORY INFORMATION
REGISTER
READ ONLY
MIR
HIGH
BYTE
FREE MEMORY AVAILABLE (IN BYTES * 2K * M)
000
001
00
LOW
BYTE
MEMORY SIZE (IN BYTES *2K * M)
000
001
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com