Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 53 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 53 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 49Page - Microchip Technology LAN91C111 Datasheet HTML 50Page - Microchip Technology LAN91C111 Datasheet HTML 51Page - Microchip Technology LAN91C111 Datasheet HTML 52Page - Microchip Technology LAN91C111 Datasheet HTML 53Page - Microchip Technology LAN91C111 Datasheet HTML 54Page - Microchip Technology LAN91C111 Datasheet HTML 55Page - Microchip Technology LAN91C111 Datasheet HTML 56Page - Microchip Technology LAN91C111 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 53
LAN91C111
COMMAND SET
:
Operation
Code
Decimal
Value
Command
000
0
NOOP - NO OPERATION
001
1
ALLOCATE MEMORY FOR TX
010
2
RESET MMU TO INITIAL STATE - Frees all memory allocations, clears relevant
interrupts, resets packet FIFO pointers.
011
3
REMOVE FRAME FROM TOP OF RX FIFO - To be issued after CPU has
completed processing of present receive frame. This command removes the
receive packet number from the RX FIFO and brings the next receive frame (if
any) to the RX area (output of RX FIFO).
100
4
REMOVE AND RELEASE TOP OF RX FIFO - Like 3) but also releases all
memory used by the packet presently at the RX FIFO output. The MMU busy
time after issuing REMOVE and RELEASE command depends on the time when
the busy bit is cleared. The time from issuing REMOVE and RELEASE command
on the last receive packet to the time when receive FIFO is empty depends on
RX INT bit turning low. An alternate approach can be checking the read RX FIFO
register.
101
5
RELEASE SPECIFIC PACKET - Frees all pages allocated to the packet specified
in the PACKET NUMBER REGISTER. Should not be used for frames pending
transmission. Typically used to remove transmitted frames, after reading their
completion status. Can be used following 3) to release receive packet memory in
a more flexible way than 4).
110
6
ENQUEUE PACKET NUMBER INTO TX FIFO - This is the normal method of
transmitting a packet just loaded into RAM. The packet number to be enqueued
is taken from the PACKET NUMBER REGISTER.
111
7
RESET TX FIFOs - This command will reset both TX FIFOs: The TX FIFO
holding the packet numbers awaiting transmission and the TX Completion FIFO.
This command provides a mechanism for canceling packet transmissions, and
reordering or bypassing the transmit queue. The RESET TX FIFOs command
should only be used when the transmitter is disabled. Unlike the RESET MMU
command, the RESET TX FIFOs does not release any memory.
Note:
• When using the RESET TX FIFOS command, the CPU is responsible for releasing the memory associated with
outstanding packets, or re-enqueuing them. Packet numbers in the completion FIFO can be read via the FIFO
ports register before issuing the command.
• MMU commands releasing memory (commands 4 and 5) should only be issued if the corresponding packet num-
ber has memory allocated to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com