Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 71 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 71 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 67Page - Microchip Technology LAN91C111 Datasheet HTML 68Page - Microchip Technology LAN91C111 Datasheet HTML 69Page - Microchip Technology LAN91C111 Datasheet HTML 70Page - Microchip Technology LAN91C111 Datasheet HTML 71Page - Microchip Technology LAN91C111 Datasheet HTML 72Page - Microchip Technology LAN91C111 Datasheet HTML 73Page - Microchip Technology LAN91C111 Datasheet HTML 74Page - Microchip Technology LAN91C111 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 125 page
background image
LAN91C111
DS00002276A-page 72
 2011-2016 Microchip Technology Inc.
9.4.4
T4 - 100BASE-T4
A '1' indicates the PHY is capable of 100BASE-T4
9.4.5
TX_FDX - 100BASE-TX FULL DUPLEX CAPABLE
A '1' indicates the PHY is capable of 100BASE-TX Full Duplex
9.4.6
TX_HDX - 100BASE-TX HALF DUPLEX CAPABLE
A '1' indicates the PHY is capable of 100BASE-TX Half Duplex
9.4.7
10_FDX - 10BASE-T FULL DUPLEX CAPABLE
A '1' indicates the PHY is capable of 10BASE-T Full Duplex
9.4.8
10_HDX - 10BASE-T HALF DUPLEX CAPABLE
A '1' indicates the PHY is capable of 10BASE-T Half Duplex
The management entity sets the value of this field prior to Auto-Negotiation.
‘1’ in these bit indicates that the mode of operation that corresponds to these will be acceptable to be auto-negotiated
to. Only modes supported by the PHY can be set.
9.4.9
CSMA
A '1' indicates the PHY is capable of 802.3 CSMA Operation.
9.5
Register 5. Auto-Negotiation Remote End Capability Register
The bit definitions are analogous to the Auto-Negotiation Advertisement Register.
9.6
Register 16. Configuration 1- Structure and Bit Definition
NP
ACK
RF
Reserved
Reserved
Reserved
T4
TX_FDX
RR
R
R
R
R
R
R
00
0
0
0
0
0
0
TX_HDX
10_FDX
10_HDX
Reserved
Reserved
Reserved
Reserved
CSMA
RR
R
R
R
R
R
R
00
0
0
0
0
0
0
LNKDIS
XMTDIS
XMTPDN
Reserved
Reserved
BYPSCR
UNSCDS
EQLZR
RW
RW
RW
RW
RW
RW
RW
RW
00
0
0
0
0
0
0
CABLE
RLVL0
TLVL3
TLVL2
TLVL1
TLVL0
TRF1
TRF0
RW
RW
RW
RW
RW
RW
RW
RW
00
1
0
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com