Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 100 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 100 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 96Page - Microchip Technology LAN91C111 Datasheet HTML 97Page - Microchip Technology LAN91C111 Datasheet HTML 98Page - Microchip Technology LAN91C111 Datasheet HTML 99Page - Microchip Technology LAN91C111 Datasheet HTML 100Page - Microchip Technology LAN91C111 Datasheet HTML 101Page - Microchip Technology LAN91C111 Datasheet HTML 102Page - Microchip Technology LAN91C111 Datasheet HTML 103Page - Microchip Technology LAN91C111 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 101
LAN91C111
13.4
Twisted Pair Characteristics, Receive
Unless otherwise noted, all test conditions are as follows:
• Vcc = 3.3V +/-5%
• RBIAS = 11K +/- 1%, no load
• 62.5/10 Mhz Square Wave on TP inputs in 100/10 Mbps
TOIR
TP Output Current
Adjustment Range
0.80
1.2
VDD = 3.3V, Adjustable with RBIAS,
relative to TOIA with RBIAS=11K
0.86
1.16
VDD = 3.3V, Adjustable with LVL[3:0]
Relative to Value at TLVL[3:0]=1000
TORA
TP Output Current
TLVL Step Accuracy
+/-50
%
Relative to Ideal Values in Table 3.
Table 3 Values Relative to Output with
TLVL[3:0]=1000.
TOR
TP Output
Resistance
10K
Ohm
TOC
TP Output
Capacitance
15
pF
SYM
Parameter
Limits
Unit
Conditions
MIN
TYP
MAX
RST
TP Input Squelch
Threshold
166
500
mV pk
100 Mbps, RLVL=0
310
540
mV pk
10 Mbps, RLVL=0
60
200
mV pk
100 Mbps, RLVL=1
186
324
mV pk
10 Mbps, RLVL=1
RUT
TP Input Unsquelch
Threshold
100
300
mV pk
100 Mbps, RLVL=0
186
324
mV pk
10 Mbps, RLVL=0
20
90
mV pk
100 Mbps, RLVL=1
112
194
mV pk
10 Mbps, RLVL=1
TP Input Open Circuit
Voltage
VDD- 2.4
± 0.2
Volt
Voltage on Either TPI+ or TPI- with
Respect to GND.
RCMR
TP Input Common
Mode Voltage Range
ROCV
± 0.25
Volt
Voltage on TPI± with Respect to
GND.
RDR
TP Input Differential
Voltage Range
VDD
Volt
RIR
TP Input Resistance
5K
Ohm
RIC
TP Input Capacitance
10
pF
SYM
Parameter
Limits
Unit
Conditions
MIN
TYP
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com