Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 42 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 42 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 38Page - Microchip Technology LAN91C111 Datasheet HTML 39Page - Microchip Technology LAN91C111 Datasheet HTML 40Page - Microchip Technology LAN91C111 Datasheet HTML 41Page - Microchip Technology LAN91C111 Datasheet HTML 42Page - Microchip Technology LAN91C111 Datasheet HTML 43Page - Microchip Technology LAN91C111 Datasheet HTML 44Page - Microchip Technology LAN91C111 Datasheet HTML 45Page - Microchip Technology LAN91C111 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 125 page
background image
LAN91C111
DS00002276A-page 42
 2011-2016 Microchip Technology Inc.
8.5
Bank 0 - Transmit Control Register
This register holds bits programmed by the CPU to control some of the protocol transmit options.
SWFDUP - Enables Switched Full Duplex mode. In this mode, transmit state machine is inhibited from recognizing car-
rier sense, so deferrals will not occur. Also inhibits collision count, therefore, the collision related status bits in the
EPHSR are not valid (CTR_ROL, LATCOL, SQET, 16COL, MUL COL, and SNGL COL). Uses COL100 as flow control,
limiting backoff and jam to 1 clock each before inter-frame gap, then retry will occur after IFG. If COL100 is active during
preamble, full preamble will be output before jam. When SWFDUP is high, the values of FDUPLX and MON_CSN have
no effect.
EPH_LOOP - Internal loopback at the EPH block. Serial data is internally looped back when set. Defaults low. When
EPH_LOOP is high the following transmit outputs are forced inactive: TXD0-TXD3 = 0h, TXEN100 = 0. The following
and external inputs are blocked: CRS100=0, COL100=0, RX_DV= RX_ER=0.
STP_SQET - STP_SQET - Stop transmission on SQET error. If this bit is set, LAN91C111 will stop and disable the trans-
mitter on SQE test error. If the external SQET generator on the network generates the SQET pulse during the IPG (Inter
Frame Gap), this bit will not be set and subsequent transmits will occur as in the case of implementing “Auto Release”
for multiple transmit packets. If this bit is cleared, then the SQET bit in the EPH Status register will be cleared. Defaults
low.
FDUPLX - When set the LAN91C111 will cause frames to be received if they pass the address filter regardless of the
source for the frame. When clear the node will not receive a frame sourced by itself. This bit does not control the duplex
mode operation, the duplex mode operation is controlled by the SWFDUP bit.
MON_CSN - When set the LAN91C111 monitors carrier while transmitting. It must see its own carrier by the end of the
preamble. If it is not seen, or if carrier is lost during transmission, the transmitter aborts the frame without CRC and turns
itself off and sets the LOST CARR bit in the EPHSR. When this bit is clear the transmitter ignores its own carrier. Defaults
low. Should be 0 for MII operation.
NOCRC - Does not append CRC to transmitted frames when set. Allows software to insert the desired CRC. Defaults
to zero, namely CRC inserted.
PAD_EN - When set, the LAN91C111 will pad transmit frames shorter than 64 bytes with 00. For TX, CPU should write
the actual BYTE COUNT before padded by the LAN91C111 to the buffer RAM, excludes the padded 00. When this bit
is cleared, the LAN91C111 does not pad frames.
FORCOL - When set, the FORCOL bit will force a collision by not deferring deliberately. This bit is set and cleared only
by the CPU. When TXENA is enabled with no packets in the queue and while the FORCOL bit is set, the LAN91C111
will transmit a preamble pattern the next time a carrier is seen on the line. If a packet is queued, a preamble and SFD
will be transmitted. This bit defaults low to normal operation. NOTE: The LATCOL bit in the EPHSR, setting up as a
result of FORCOL, will reset TXENA to 0. In order to force another collision, TXENA must be set to 1 again.
LOOP - Loopback. General purpose output port used to control the LBK pin. Typically used to put the PHY chip in loop-
back mode.
OFFSET
NAME
TYPE
SYMBOL
0
TRANSMIT CONTROL
REGISTER
READ/WRITE
TCR
HIGH
BYTE
SWFDUP
Reserved
EPH
LOOP
STP
SQET
FDUPLX
MON_
CSN
Reserved
NOCRC
000
000
00
LOW
BYTE
PAD_EN
Reserved
Reserved
Reserved
Reserved
FORCOL
LOOP
TXENA
000
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com