Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 99 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 99 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 95Page - Microchip Technology LAN91C111 Datasheet HTML 96Page - Microchip Technology LAN91C111 Datasheet HTML 97Page - Microchip Technology LAN91C111 Datasheet HTML 98Page - Microchip Technology LAN91C111 Datasheet HTML 99Page - Microchip Technology LAN91C111 Datasheet HTML 100Page - Microchip Technology LAN91C111 Datasheet HTML 101Page - Microchip Technology LAN91C111 Datasheet HTML 102Page - Microchip Technology LAN91C111 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 125 page
background image
LAN91C111
DS00002276A-page 100
 2011-2016 Microchip Technology Inc.
13.3
Twisted Pair Characteristics, Transmit
VDD = 3.3v +/- 5%
RBIAS = 11K +/- 1%, no load
SYM
Parameter
Limits
Unit
Conditions
MIN
TYP
MAX
Tov
TP Differential Output
Voltage
0.950
1.000
1.050
Vpk
100 Mbps, UTP Mode,
100 Ohm Load
1.165
1.225
1.285
Vpk
100 Mbps, STP Mode,
150 Ohm Load
2.2
2.5
2.8
Vpk
10 Mbps, UTP Mode,
100 Ohm Load
2.694
3.062
3.429
Vpk
10 Mbps, STP Mode,
150 Ohm Load
Tovs
TP Differential Output
Voltage Symmetry
98
102
%
100 Mbps, Ratio of Positive And
Negative Amplitude Peaks on TPO±
TORF
TP Differential Output
Rise And Fall Time
3.0
5.0
nS
100 Mbps
TRFADJ [1:0] = 10
TORFS
TP Differential Output
Rise And Fall Time
Symmetry
+/-0.5
nS
100 Mbps, Difference Between Rise
and Fall Times on TPO±
ToDC
TP Differential Output
Duty Cycle Distortion
+/-
0.25
nS
100 Mbps, Output Data=0101... NRZ
Pattern Unscrambled, Measure At
50% Points
ToJ
TP Differential Output
Jitter
+/-1.4
nS
100 Mbps, Output Data=scrambled /H/
Too
TP Differential Output
Overshoot
5.0
%
100 Mbps
TOVT
TP Differential Output
Voltage Template
See Figure 7-4
10 Mbps
TSOI
TP Differential Output
SOI Voltage
Template
See Figure 7-6
10 Mbps
TLPT
TP Differential Output
Link Pulse Voltage
Template
See Figure 7-7
10 Mbps, NLP and FLP
TOIV
TP Differential Output
Idle Voltage
+/-50
mV
10 Mbps.
TOIA
TP Output Current
38
40
42
mA pk
100 Mbps, UTP with TLVL[3:0]=1000
31.06
32.66
34.26
mA pk
100 Mbps, STP with TLVL[3:0]=1000
88
100
112
mA pk
10 Mbps, UTP with TLVL[3:0]=1000
71.86
81.64
91.44
mA pk
10 Mbps, STP with TLVL[3:0]=1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com