Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 101 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 101 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 97Page - Microchip Technology LAN91C111 Datasheet HTML 98Page - Microchip Technology LAN91C111 Datasheet HTML 99Page - Microchip Technology LAN91C111 Datasheet HTML 100Page - Microchip Technology LAN91C111 Datasheet HTML 101Page - Microchip Technology LAN91C111 Datasheet HTML 102Page - Microchip Technology LAN91C111 Datasheet HTML 103Page - Microchip Technology LAN91C111 Datasheet HTML 104Page - Microchip Technology LAN91C111 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 125 page
background image
LAN91C111
DS00002276A-page 102
 2011-2016 Microchip Technology Inc.
14.0
TIMING DIAGRAMS
FIGURE 14-1:
ASYNCHRONOUS CYCLE - NADS=0
Parameter
MIN
TYP
MAX
Units
t1
A1-A15, AEN, nBE[3:0] Valid to nRD, nWR Active
2
ns
t2
A1-A15, AEN, nBE[3:0] Hold After nRD, nWR Inactive (Assuming
nADS Tied Low)
5ns
t3
nRD Low to Valid Data
15
ns
t4
nRD High to Data Invalid
2
15
ns
t5
Data Setup to nWR Inactive
10
ns
t5A
Data Hold After nWR Inactive
5
ns
t6
nRD Strobe Width
15
ns
t5A
t5
t1
t4
t3
t2
t6
t6
Valid
Valid
Valid
Address, AEN, nBE[3:0]
nADS
Read Data
nRD, nWR
Write Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com