Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 47 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 47 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 43Page - Microchip Technology LAN91C111 Datasheet HTML 44Page - Microchip Technology LAN91C111 Datasheet HTML 45Page - Microchip Technology LAN91C111 Datasheet HTML 46Page - Microchip Technology LAN91C111 Datasheet HTML 47Page - Microchip Technology LAN91C111 Datasheet HTML 48Page - Microchip Technology LAN91C111 Datasheet HTML 49Page - Microchip Technology LAN91C111 Datasheet HTML 50Page - Microchip Technology LAN91C111 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 47
LAN91C111
LS2A, LS1A, LS0A – LED select Signal Enable. These bits define what LED control signals are routed to the LEDA
output pin on the LAN91C111 Ethernet Controller. The default is 10/100 Link detected.
What do you
want to do?
Auto-Negotiation
Control Bits
Speed and Duplex Mode Control for the PHY
Duplex
Mode
Control for
the MAC
Try to Manually
Set to ……
ANEG
Bit
ANEG_EN
Bit
SPEED
Bit
DPLX
Bit
SPEED
Bit
DPLX
Bit
SWFDUP
Bit
RPCR
(MAC
Bank 0
Offset A)
Register 0
(PHY)
RPCR
(MAC
Bank 0
Offset A)
RPCR
(MAC
Bank 0
Offset A)
Register 0
(PHY)
Register 0
(PHY)
Transmit
Control
Register
(MAC)
100 Full Duplex
0
0
1
1
X
X
1
01
1
1
X
X
1
10
X
X
1
1
1
100 Half Duplex
0
0
1
0
X
X
0
01
1
0
X
X
0
10
X
X
1
0
0
10 Full Duplex
0
0
0
1
X
X
1
01
0
1
X
X
1
10
X
X
0
1
1
10 Half Duplex
0
0
0
0
X
X
0
01
0
0
X
X
0
10
X
X
0
0
0
LS2A
LS1A
LS0A
LED Select Signal – LEDA
0
0
0
nPLED3+ nPLED0 – Logical OR of 100Mbps Link detected 10Mbps Link detected
(default)
0
0
1
Reserved
0
1
0
nPLED0 - 10Mbps Link detected
0
1
1
nPLED1 - Full Duplex Mode enabled
1
0
0
nPLED2 - Transmit or Receive packet occurred
1
0
1
nPLED3 - 100Mbps Link detected
1
1
0
nPLED4 - Receive packet occurred
1
1
1
nPLED5 - Transmit packet occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com