Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 54 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 54 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 50Page - Microchip Technology LAN91C111 Datasheet HTML 51Page - Microchip Technology LAN91C111 Datasheet HTML 52Page - Microchip Technology LAN91C111 Datasheet HTML 53Page - Microchip Technology LAN91C111 Datasheet HTML 54Page - Microchip Technology LAN91C111 Datasheet HTML 55Page - Microchip Technology LAN91C111 Datasheet HTML 56Page - Microchip Technology LAN91C111 Datasheet HTML 57Page - Microchip Technology LAN91C111 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 125 page
background image
LAN91C111
DS00002276A-page 54
 2011-2016 Microchip Technology Inc.
COMMAND SEQUENCING
A second allocate command (command 1) should not be issued until the present one has completed. Completion is
determined by reading the FAILED bit of the allocation result register or through the allocation interrupt.
A second release command (commands 4, 5) should not be issued if the previous one is still being processed. The
BUSY bit indicates that a release command is in progress. After issuing command 5, the contents of the PNR should
not be changed until BUSY goes low. After issuing command 4, command 3 should not be issued until BUSY goes low.
BUSY BIT - Readable at bit 0 of the MMU command register address. When set indicates that MMU is still processing
a release command. When clear, MMU has already completed last release command. BUSY and FAILED bits are set
upon the trailing edge of command.
8.17
Bank 2 - Packet Number Register
PACKET NUMBER AT TX AREA - The value written into this register determines which packet number is accessible
through the TX area. Some MMU commands use the number stored in this register as the packet number parameter.
This register is cleared by a RESET or a RESET MMU Command.
This register is updated upon an ALLOCATE MEMORY MMU command.
FAILED - A zero indicates a successful allocation completion. If the allocation fails the bit is set and only cleared when
the pending allocation is satisfied. Defaults high upon reset and reset MMU command. For polling purposes, the
ALLOC_INT in the Interrupt Status Register should be used because it is synchronized to the read operation. Sequence:
1.
Allocate Command
2.
Poll ALLOC_INT bit until set
3.
Read Allocation Result Register
ALLOCATED PACKET NUMBER - Packet number associated with the last memory allocation request. The value is only
valid if the FAILED bit is clear.
OFFSET
NAME
TYPE
SYMBOL
2
PACKET NUMBER
REGISTER
READ/WRITE
PNR
Reserved
Reserved
PACKET NUMBER AT TX AREA
00000000
OFFSET
NAME
TYPE
SYMBOL
3
ALLOCATION RESULT
REGISTER
READ ONLY
ARR
FAILED
Reserved
ALLOCATED PACKET NUMBER
10000000
Note:
For software compatibility with future versions, the value read from the ARR after an allocation request is
intended to be written into the PNR as is, without masking higher bits (provided FAILED = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com