Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 79 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 79 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 75Page - Microchip Technology LAN91C111 Datasheet HTML 76Page - Microchip Technology LAN91C111 Datasheet HTML 77Page - Microchip Technology LAN91C111 Datasheet HTML 78Page - Microchip Technology LAN91C111 Datasheet HTML 79Page - Microchip Technology LAN91C111 Datasheet HTML 80Page - Microchip Technology LAN91C111 Datasheet HTML 81Page - Microchip Technology LAN91C111 Datasheet HTML 82Page - Microchip Technology LAN91C111 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 125 page
background image
LAN91C111
DS00002276A-page 80
 2011-2016 Microchip Technology Inc.
10.4
Typical Flow of Event For Receive
8
SERVICE INTERRUPT – Read Interrupt Status
Register, exit the interrupt service routine.
Option 1) Release the packet.
Option 2) Check the transmit status in the EPH
STATUS Register, write the packet number of the
current packet to the Packet Number Register, re-
enable TXENA, then go to step 4 to start the TX
sequence again.
S/W Driver
MAC Side
1
ENABLE RECEPTION - By setting the RXEN bit.
2
A packet is received with matching address. Memory
is requested from MMU. A packet number is assigned
to it. Additional memory is requested if more pages
are needed.
3
The internal DMA logic generates sequential
addresses and writes the receive words into memory.
The MMU does the sequential to physical address
translation. If overrun, packet is dropped and memory
is released.
4
When the end of packet is detected, the status word
is placed at the beginning of the receive packet in
memory. Byte count is placed at the second word. If
the CRC checks correctly the packet number is
written into the RX FIFO. The RX FIFO, being not
empty, causes RCV INT (interrupt) to be set. The
RCV_BAD bit of the Bank 1 Control Register controls
whether or not to generate interrupts when bad CRC
packets are received.
5
SERVICE INTERRUPT - Read the Interrupt Status
Register and determine if RCV INT is set. The next
receive packet is at receive area. (Its packet number
can be read from the FIFO Ports Register). The
software driver can process the packet by accessing
the RX area, and can move it out to system memory
if desired. When processing is complete the CPU
issues the REMOVE AND RELEASE FROM TOP OF
RX command to have the MMU free up the used
memory and packet number.
S/W Driver
MAC Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com