Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 27 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 27 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 23Page - Microchip Technology LAN91C111 Datasheet HTML 24Page - Microchip Technology LAN91C111 Datasheet HTML 25Page - Microchip Technology LAN91C111 Datasheet HTML 26Page - Microchip Technology LAN91C111 Datasheet HTML 27Page - Microchip Technology LAN91C111 Datasheet HTML 28Page - Microchip Technology LAN91C111 Datasheet HTML 29Page - Microchip Technology LAN91C111 Datasheet HTML 30Page - Microchip Technology LAN91C111 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 27
LAN91C111
7.7.7.3
Transmit Level Adjust
The transmit output current level is derived from an internal reference voltage and the external resistor on RBIAS pin.
The transmit level can be adjusted with either (1) the external resistor on the RBIAS pin, or (2) the four transmit level
adjust bits in the PHY Ml serial port Configuration 1 register as shown in Table 7-2. The adjustment range is approxi-
mately -14% to +16% in 2% steps.
G57
-1.0
H48
0.7
I67
0.6
J89
0
K
74
-0.55
L
73
-0.55
M61
0
N85
1.0
O100
0.4
P
110
0.75
Q
111
0.15
R111
0
S111
-0.15
T110
-1.0
U100
-0.3
V110
-0.7
W90
-0.7
TABLE 7-2:
TRANSMIT LEVEL ADJUST
TLVL[3:0]
Gain
0000
1.16
0001
1.14
0010
1.12
0011
1.10
0100
1.08
0101
1.06
0110
1.04
0111
1.02
Reference
Time (NS) Internal MAU
Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com