Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 37 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 37 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 33Page - Microchip Technology LAN91C111 Datasheet HTML 34Page - Microchip Technology LAN91C111 Datasheet HTML 35Page - Microchip Technology LAN91C111 Datasheet HTML 36Page - Microchip Technology LAN91C111 Datasheet HTML 37Page - Microchip Technology LAN91C111 Datasheet HTML 38Page - Microchip Technology LAN91C111 Datasheet HTML 39Page - Microchip Technology LAN91C111 Datasheet HTML 40Page - Microchip Technology LAN91C111 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 37
LAN91C111
7.8
Reset
The chip (MAC & PHY) performs an internal system reset when either (1) the RESET pin is asserted high for at least
100ns, (2) writing “1” to the SOFT_RST bit in the Receive Control Register, this reset bit is not a self-clearing bit, reset
can be terminated by writing the bit low. It programs all registers to their default value. When reset is initiated by (1) and
the EEPROM is presented and enabled, the controller will load the EEPROM to obtain the following configurations: 1)
Configuration Register, 2) BASE Register, or/and 3) MAC Address. The internal MAC is not a power on reset device,
thus reset is required after power up to ensure all register bits are in default state.
The internal PHY is reset when either (1) VDD is applied to the device, (2) the RST bit is set in the PHY Ml serial port
Control register, this reset bit is a self-clearing bit, and the PHY will return a “1” on reads to this bit until the reset is
completed, 3) the RESET pin is asserted high, (4) the SOFT_RST bit is set high and then cleared. When reset is initiated
by (1) or (2), an internal power-on reset pulse is generated which resets all internal circuits, forces the PHY Ml serial
port bits to their default values, and latches in new values for the MI address. After the power-on reset pulse has finished,
the reset bit in the PHY Ml serial port Control registers cleared and the device is ready for normal operation. When reset
is initiated by (3), the same procedure occurs except the device stays in the reset state as long as the RESET pin is
held high. The internal PHY is ready for normal operation 50 mS after the reset pin was de-asserted or the reset bit is
set. Software driver requires to wait for 50mS after setting the RST bit to high to access the internal PHY again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com