Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 85 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 85 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 81Page - Microchip Technology LAN91C111 Datasheet HTML 82Page - Microchip Technology LAN91C111 Datasheet HTML 83Page - Microchip Technology LAN91C111 Datasheet HTML 84Page - Microchip Technology LAN91C111 Datasheet HTML 85Page - Microchip Technology LAN91C111 Datasheet HTML 86Page - Microchip Technology LAN91C111 Datasheet HTML 87Page - Microchip Technology LAN91C111 Datasheet HTML 88Page - Microchip Technology LAN91C111 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 125 page
background image
LAN91C111
DS00002276A-page 86
 2011-2016 Microchip Technology Inc.
10.6
Interrupt Generation
The interrupt strategy for the transmit and receive processes is such that it does not represent the bottleneck in the
transmit and receive queue management between the software driver and the controller. For that purpose there is no
register reading necessary before the next element in the queue (namely transmit or receive packet) can be handled by
the controller. The transmit and receive results are placed in memory.
The receive interrupt will be generated when the receive queue (FIFO of packets) is not empty and receive interrupts
are enabled. This allows the interrupt service routine to process many receive packets without exiting, or one at a time
if the ISR just returns after processing and removing one.
There are two types of transmit interrupt strategies:
1.
One interrupt per packet.
2.
One interrupt per sequence of packets.
The strategy is determined by how the transmit interrupt bits and the AUTO RELEASE bit are used.
TX INT bit - Set whenever the TX completion FIFO is not empty.
TX EMPTY INT bit - Set whenever the TX FIFO is empty.
AUTO RELEASE - When set, successful transmit packets are not written into completion FIFO, and their memory is
released automatically.
1.
One interrupt per packet: enable TX INT, set AUTO RELEASE=0. The software driver can find the completion
result in memory and process the interrupt one packet at a time. Depending on the completion code the driver
will take different actions. Note that the transmit process is working in parallel and other transmissions might be
taking place. The LAN91C111 is virtually queuing the packet numbers and their status words.
In this case, the transmit interrupt service routine can find the next packet number to be serviced by reading the
TX FIFO PACKET NUMBER at the FIFO PORTS register. This eliminates the need for the driver to keep a list of
packet numbers being transmitted. The numbers are queued by the LAN91C111 and provided back to the CPU
as their transmission completes.
2.
One interrupt per sequence of packets: Enable TX EMPTY INT and TX INT, set AUTO RELEASE=1. TX EMPTY
INT is generated only after transmitting the last packet in the FIFO.
TX INT will be set on a fatal transmit error allowing the CPU to know that the transmit process has stopped and
therefore the FIFO will not be emptied.
This mode has the advantage of a smaller CPU overhead, and faster memory de-allocation. Note that when
AUTO RELEASE=1 the CPU is not provided with the packet numbers that completed successfully.
Typically there would be three processes using the pointer:
1.
Transmit loading (sometimes interrupt driven)
2.
Receive unloading (interrupt driven)
3.
Transmit Status reading (interrupt driven).
1) and 3) also share the usage of the Packet Number Register. Therefore saving and restoring the PNR is also required
from interrupt service routines.
Note:
The pointer register is shared by any process accessing the LAN91C111 memory. In order to allow pro-
cesses to be interruptible, the interrupting process is responsible for reading the pointer value before mod-
ifying it, saving it, and restoring it before returning from the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com