Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 63 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 63 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 59Page - Microchip Technology LAN91C111 Datasheet HTML 60Page - Microchip Technology LAN91C111 Datasheet HTML 61Page - Microchip Technology LAN91C111 Datasheet HTML 62Page - Microchip Technology LAN91C111 Datasheet HTML 63Page - Microchip Technology LAN91C111 Datasheet HTML 64Page - Microchip Technology LAN91C111 Datasheet HTML 65Page - Microchip Technology LAN91C111 Datasheet HTML 66Page - Microchip Technology LAN91C111 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 63
LAN91C111
8.25
Bank 3 - RCV Register
RCV DISCRD - Set to discard a packet being received. Will discard packets only in the process of being received. When
set prior to the end of receive packet, bit 4 (RXOVRN) of the interrupt status register will be set to indicate that the packet
was discarded. Otherwise, the packet will be received normally and bit 0 set (RCVINT) in the interrupt status register.
RCV DISCRD is self clearing.
MBO - Must be 1.
8.26
Bank 7 - External Registers
nCSOUT is driven low by the LAN91C111 when a valid access to the EXTERNAL REGISTER range occurs.
OFFSET
NAME
TYPE
SYMBOL
C
RCV REGISTER
READ/WRITE
RCV
HIGH
BYTE
Reserved
000
000
00
LOW
BYTE
RCV
DISCRD
Reserved
Reserved
MBO
MBO
MBO
MBO
MBO
000
111
11
OFFSET
NAME
TYPE
SYMBOL
0
THROUG
H 7
EXTERNAL REGISTERS
HIGH
BYTE
EXTERNAL R/W REGISTER
LOW
BYTE
EXTERNAL R/W REGISTER
Cycle
nCSOUT
LAN91C111 Data Bus
AEN=0
A3=0
A4-15 matches I/O BASE
BANK SELECT = 7
Driven low. Transparently latched on nADS
rising edge.
Ignored on writes.
Tri-stated on reads.
BANK SELECT = 4,5,6
High
Ignore cycle.
Otherwise
High
Normal LAN91C111 cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com