Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 43 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 43 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 39Page - Microchip Technology LAN91C111 Datasheet HTML 40Page - Microchip Technology LAN91C111 Datasheet HTML 41Page - Microchip Technology LAN91C111 Datasheet HTML 42Page - Microchip Technology LAN91C111 Datasheet HTML 43Page - Microchip Technology LAN91C111 Datasheet HTML 44Page - Microchip Technology LAN91C111 Datasheet HTML 45Page - Microchip Technology LAN91C111 Datasheet HTML 46Page - Microchip Technology LAN91C111 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 43
LAN91C111
TXENA - Transmit enabled when set. Transmit is disabled if clear. When the bit is cleared the LAN91C111 will complete
the current transmission before stopping. When stopping due to an error, this bit is automatically cleared.
8.6
Bank 0 - EPH Status Register
This register stores the status of the last transmitted frame. This register value, upon individual transmit packet comple-
tion, is stored as the first word in the memory area allocated to the packet. Packet interrupt processing should use the
copy in memory as the register itself will be updated by subsequent packet transmissions. The register can be used for
real time values (like TXENA and LINK OK). If TXENA is cleared the register holds the last packet completion status.
LINK_OK - General purpose input port driven by nLNK pin inverted. Typically used for Link Test. A transition on the value
of this bit generates an interrupt.
CTR_ROL - Counter Roll Over. When set one or more 4 bit counters have reached maximum count (15). Cleared by
reading the ECR register.
EXC_DEF - Excessive Deferral. When set last/current transmit was deferred for more than 1518 * 2 byte times. Cleared
at the end of every packet sent.
LOST_CARR - Lost Carrier Sense. When set indicates that Carrier Sense was not present at end of preamble. Valid
only if MON_CSN is enabled. This condition causes TXENA bit in TCR to be reset. Cleared by setting TXENA bit in TCR.
LATCOL - Late collision detected on last transmit frame. If set a late collision was detected (later than 64 byte times into
the frame). When detected the transmitter jams and turns itself off clearing the TXENA bit in TCR. Cleared by setting
TXENA in TCR.
TX_DEFR - Transmit Deferred. When set, carrier was detected during the first 6.4
s of the inter frame gap. Cleared at
the end of every packet sent.
LTX_BRD - Last transmit frame was a broadcast. Set if frame was broadcast. Cleared at the start of every transmit
frame.
SQET - Signal Quality Error Test. This bit is set under the following conditions:
1.
LAN91C111 is set to operate in Half Duplex mode (SWFDUP=0);
2.
When STP_SQET=1 and SWFDUP=0, SQET bit will be set upon completion of a transmit operation and no
SQET Pulse has occurred during the IPG (Inter Frame Gap). If a pulse has occurred during the IPG, SQET bit
will not get set.
3.
Once SQET bit is set, setting the TXENA bit in TCR register, or via hardware /software reset can clear this bit.
16COL - 16 collisions reached. Set when 16 collisions are detected for a transmit frame. TXENA bit in TCR is reset.
Cleared when TXENA is set high.
LTX_MULT - Last transmit frame was a multicast. Set if frame was a multicast. Cleared at the start of every transmit
frame.
MULCOL - Multiple collision detected for the last transmit frame. Set when more than one collision was experienced.
Cleared when TX_SUC is high at the end of the packet being sent.
OFFSET
NAME
TYPE
SYMBOL
2
EPH STATUS REGISTER
READ ONLY
EPHSR
HIGH
BYTE
Reserved
LINK_
OK
Reserved
CTR
_ROL
EXC
_DEF
LOST
CARR
LATCOL
Reserved
0
-nLNK pin
0
0
0
0
0
0
LOW
BYTE
TX
DEFR
LTX
BRD
SQET
16COL
LTX
MULT
MUL
COL
SNGL
COL
TX_SUC
00
0
0
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com