Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 51 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 51 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 47Page - Microchip Technology LAN91C111 Datasheet HTML 48Page - Microchip Technology LAN91C111 Datasheet HTML 49Page - Microchip Technology LAN91C111 Datasheet HTML 50Page - Microchip Technology LAN91C111 Datasheet HTML 51Page - Microchip Technology LAN91C111 Datasheet HTML 52Page - Microchip Technology LAN91C111 Datasheet HTML 53Page - Microchip Technology LAN91C111 Datasheet HTML 54Page - Microchip Technology LAN91C111 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 51
LAN91C111
8.14
Bank 1 - General Purpose Register
This register can be used as a way of storing and retrieving non-volatile information in the EEPROM to be used by the
software driver. The storage is word oriented, and the EEPROM word address to be read or written is specified using
the six lowest bits of the Pointer Register.
This register can also be used to sequentially program the Individual Address area of the EEPROM, that is normally
protected from accidental Store operations.
This register will be used for EEPROM read and write only when the EEPROM SELECT bit in the Control Register is
set. This allows generic EEPROM read and write routines that do not affect the basic setup of the LAN91C111.
8.15
Bank 1 - Control Register
RCV_BAD - When set, bad CRC packets are received. When clear bad CRC packets do not generate interrupts and
their memory is released.
AUTO RELEASE - When set, transmit pages are released by transmit completion if the transmission was successful
(when TX_SUC is set). In that case there is no status word associated with its packet number, and successful packet
numbers are not even written into the TX COMPLETION FIFO. A sequence of transmit packets will generate an interrupt
only when the sequence is completely transmitted (TX EMPTY INT will be set), or when a packet in the sequence expe-
riences a fatal error (TX INT will be set). Upon a fatal error TXENA is cleared and the transmission sequence stops. The
packet number that failed, is present in the FIFO PORTS register, and its pages are not released, allowing the CPU to
restart the sequence after corrective action is taken.
OFFSET
NAME
TYPE
SYMBOL
A
GENERAL PURPOSE
REGISTER
READ/WRITE
GPR
HIGH
BYTE
HIGH DATA BYTE
000
000
00
LOW
BYTE
LOW DATA BYTE
000
000
00
OFFSET
NAME
TYPE
SYMBOL
C
CONTROL REGISTER
READ/WRITE
CTR
HIGH
BYTE
Reserved
RCV_
BAD
Reserved
Reserved
AUTO
RELEASE
Reserved
Reserved
Reserved
0
0
0
1
001
0
LOW BYTE
LE
ENABLE
CR
ENABLE
TE
ENABLE
Reserved
Reserved
EEPROM
SELECT
RELOAD
STORE
0
0
0
1
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com