| Electronic Components Datasheet Search |
|
LAN91C111 Datasheet(PDF) 58 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN91C111 Datasheet(HTML) 58 Page - Microchip Technology |
|
58 / 125 page ![]() LAN91C111 DS00002276A-page 58 2011-2016 Microchip Technology Inc. This register can be read and written as a word or as two individual bytes. The Interrupt Mask Register bits enable the appropriate bits when high and disable them when low. A MASK bit being set will cause a hardware interrupt. MDINT - Set when the following bits in the PHY MI Register 18 (Serial Port Status Output Register) change state. 1. LNKFAIL, 2) LOSSSYNC, 3) CWRD, 4) SSD, 5) ESD, 6) PROL, 7) JAB, 8) SPDDET, 9) DPLXDET. These bits automatically latch upon changing state and stay latched until they are read. When they are read, the bits that caused the interrupt to happen are updated to their current value. The MDINT bit will be cleared by writing the acknowledge register with MDINT bit set. Reserved - Must be 0 EPH INT - Set when the Ethernet Protocol Handler section indicates one out of various possible special conditions. This bit merges exception type of interrupt sources, whose service time is not critical to the execution speed of the low level drivers. The exact nature of the interrupt can be obtained from the EPH Status Register (EPHSR), and enabling of these sources can be done via the Control Register. The possible sources are: LINK - Link Test transition CTR_ROL - Statistics counter roll over TXENA cleared - A fatal transmit error occurred forcing TXENA to be cleared. TX_SUC will be low and the specific rea- son will be reflected by the bits: • SQET - SQE Error • LOST CARR - Lost Carrier • LATCOL - Late Collision • 16COL - 16 collisions Any of the above interrupt sources can be masked by the appropriate ENABLE bits in the Control Register. • LE ENABLE (Link Error Enable), 2) CR ENABLE (Counter Roll Over), 3) TE ENABLE (Transmit Error Enable) OFFSET NAME TYPE SYMBOL C INTERRUPT ACKNOWLEDGE REGISTER WRITE ONLY IST MDINT Reserved RX_OVRN INT TX EMPTY INT TX INT OFFSET NAME TYPE SYMBOL D INTERRUPT MASK REGISTER READ/WRITE MSK MDINT MASK Reserved EPH INT MASK RX_OVRN INT MASK ALLOC INT MASK TX EMPTY INT MASK TX INT MASK RCV INT MASK 00000000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |