Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 66 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 66 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 62Page - Microchip Technology LAN91C111 Datasheet HTML 63Page - Microchip Technology LAN91C111 Datasheet HTML 64Page - Microchip Technology LAN91C111 Datasheet HTML 65Page - Microchip Technology LAN91C111 Datasheet HTML 66Page - Microchip Technology LAN91C111 Datasheet HTML 67Page - Microchip Technology LAN91C111 Datasheet HTML 68Page - Microchip Technology LAN91C111 Datasheet HTML 69Page - Microchip Technology LAN91C111 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 125 page
background image
 2011-2016 Microchip Technology Inc.
DS00002276A-page 67
LAN91C111
TA1
TA0
Turnaround
Time
These bits provide some turnaround time for MDIO
When READ = 1, TA[1:0] = Z0
When WRITE = 1, TA[1:0] = 10
The turnaround time is a 2 bit time spacing between the Register
Address field and the Data field of a management frame to avoid
contention during a read transaction. For a read transaction, both the
STA and the PHY shall remain in a high impedance state for the first
bit time of the turnaround. The PHY shall drive a zero bit during the
second bit time of the turnaround of a read transaction. During a write
transaction, the STA shall drive a one bit for the first bit time of the
turnaround and a zero bit for the second bit time of the turnaround.
R/W
D[15:0]....
Data
These 16 bits contain data to/from one of the eleven registers
selected by register address bits REGAD[4:0].
Any
Symbol
Name
Definition
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com