Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 77 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 77 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 73Page - Microchip Technology LAN91C111 Datasheet HTML 74Page - Microchip Technology LAN91C111 Datasheet HTML 75Page - Microchip Technology LAN91C111 Datasheet HTML 76Page - Microchip Technology LAN91C111 Datasheet HTML 77Page - Microchip Technology LAN91C111 Datasheet HTML 78Page - Microchip Technology LAN91C111 Datasheet HTML 79Page - Microchip Technology LAN91C111 Datasheet HTML 80Page - Microchip Technology LAN91C111 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 125 page
background image
LAN91C111
DS00002276A-page 78
 2011-2016 Microchip Technology Inc.
10.2
Typical Flow of Events for Transmit (Auto Release = 0)
TABLE 10-2:
FLOW OF EVENTS FOR RESTORING DEVICE IN NORMAL POWER MODE
S/W Driver
Controller Function
1
Write and set (1) the “EPH Power EN” Bit, located in
the configuration register, Bank 1 Offset 0.
2
Ethernet MAC Enables the RX Clock, TX clock
derived from the Internal PHY. The EPH Clock is
also enabled.
3
Write the PDN bit in PHY MI Register 0 to 0
Note:
Only performed when device is in internal
PHY mode.
The PHY is then set in isolation mode (MII_DIS bit
is set). Need to clear this MII_DIS bit; and, need to
wait for 500 ms for the PHY to restore normal.
4
Internal PHY entered normal operation mode
5
Issue MMU Reset Command
6
Restore Device Register Level Context.
7
Enable Transmitter – Set the TXENA bit of the
Transmit Control Register
Ethernet MAC can now transmit Ethernet Packets.
8
Enable Receiver – Set (1) the RXEN bit of the
Receive Control Register.
Ethernet MAC is now able to receive Packets.
9
Ethernet MAC is now restored for normal operation.
S/W Driver
MAC Side
1
ISSUE ALLOCATE MEMORY FOR TX - N BYTES -
the MMU attempts to allocate N bytes of RAM.
2
WAIT FOR SUCCESSFUL COMPLETION CODE -
Poll until the ALLOC INT bit is set or enable its mask
bit and wait for the interrupt. The TX packet number
is now at the Allocation Result Register.
3
LOAD TRANSMIT DATA - Copy the TX packet
number into the Packet Number Register. Write the
Pointer Register, then use a block move operation
from the upper layer transmit queue into the Data
Register.
4
ISSUE "ENQUEUE PACKET NUMBER TO TX FIFO"
- This command writes the number present in the
Packet Number Register into the TX FIFO. The
transmission is now enqueued. No further CPU
intervention is needed until a transmit interrupt is
generated.
5
The enqueued packet will be transferred to the MAC
block as a function of TXENA (nTCR) bit and of the
deferral process (1/2 duplex mode only) state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com