Electronic Components Datasheet Search
  English  ▼

X  

LAN91C111 Datasheet(PDF) 121 Page - Microchip Technology

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN91C111 Datasheet(HTML) 121 Page - Microchip Technology

Back Button LAN91C111 Datasheet HTML 117Page - Microchip Technology LAN91C111 Datasheet HTML 118Page - Microchip Technology LAN91C111 Datasheet HTML 119Page - Microchip Technology LAN91C111 Datasheet HTML 120Page - Microchip Technology LAN91C111 Datasheet HTML 121Page - Microchip Technology LAN91C111 Datasheet HTML 122Page - Microchip Technology LAN91C111 Datasheet HTML 123Page - Microchip Technology LAN91C111 Datasheet HTML 124Page - Microchip Technology LAN91C111 Datasheet HTML 125Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 121 / 125 page
background image
LAN91C111
DS00002276A-page 120
 2011-2016 Microchip Technology Inc.
APPENDIX A:
DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
REVISION LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
DS00002276A (09-01-16)
Replaces previous SMSC version Rev. 1.92 (06-27-11)
Rev. 1.92 (06-27-11)
Section 7.7.17, "PHY
Powerdown," on page 36
Added note stating that the PDN bit must not be
set when the device is in external PHY mode.
Table 10-1, “Typical Flow Of
Events For Placing Device
In Low Power Mode,” on
page 77
Added note to step 6 stating that the bit (PDN)
must not be set when the device is in external PHY
mode.
Table 10-2, “Flow Of Events
For Restoring Device In
Normal Power Mode,” on
page 78
Added note to step 3 stating that the step is only
performed when the device is in internal PHY
mode.
Table 9.1, “Register 0.
Control Register,” on
page 69
Added note to PDN bit definition stating that the bit
must not be set when the device is in external PHY
mode.
Rev. 1.91 (06-01-09)
The following ordering information has been removed: “LAN91C111-NC,
LAN91C111i-NC (Industrial Temperature) for 128 pin QFP packages”,
“LAN91C111-NE, LAN91C111i-NE (Industrial Temperature) for 128-pin TQFP
packages” as these has been discontinued.
All
Updated document references to Rev. C.
Section 13.1, "Maximum
Ratings*," on page 97
Fixed commercial temp range to state “0
C to
+70
C for LAN91C111”
Cover
Added bullet: “Commercial Temperature Range
from 0
C to 70C (LAN91C111)”
Section 8.24, "Bank 3 -
Revision Register," on
page 62
Changed REV default from “0001” to “0010”
Table 14-3, “Asynchronous
Cycle - nADS=0,” on
page 104
Changed T1A time in table under figure from 10nS
min to 2nS min.
Section 10.4, "Typical Flow
of Event For Receive," on
page 80
In step 4, changed last sentence from “If CRC is
incorrect the packet memory is released and no
interrupt will occur.”, to “The RCV_BAD bit of the
Bank 1 Control Register controls whether or not to
generate interrupts when bad CRC packets are
received.”
Section 7.7.14, "Receive
Polarity Correction," on
page 35
Added note at end of 10 Mbps subsection stating
“The first 3 received packets must be discarded
after the correction of a reverse polarity condition.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com