Electronic Components Datasheet Search
  English  ▼

X  

TMS320C51 Datasheet(PDF) 45 Page - Texas Instruments

Part # TMS320C51
Description  DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C51 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320C51 Datasheet HTML 41Page - Texas Instruments TMS320C51 Datasheet HTML 42Page - Texas Instruments TMS320C51 Datasheet HTML 43Page - Texas Instruments TMS320C51 Datasheet HTML 44Page - Texas Instruments TMS320C51 Datasheet HTML 45Page - Texas Instruments TMS320C51 Datasheet HTML 46Page - Texas Instruments TMS320C51 Datasheet HTML 47Page - Texas Instruments TMS320C51 Datasheet HTML 48Page - Texas Instruments TMS320C51 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 87 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
45
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating ambient-air temperature range (unless otherwise noted)
(’320C5x only)†
Supply voltage range, VDD (see Note 3)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature, TC
0
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 3: All voltage values are with respect to VSS.
recommended operating conditions (’320C5x only)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
4.75
5
5.25
V
VSS
Supply voltage
0
V
X2/CLKIN, CLKIN2
3
VDD + 0.3
VIH
High-level input voltage
CLKX, CLKR, TCLKX, TCLKR
2.5
VDD + 0.3
V
All other inputs
2
VDD + 0.3
VIL
Low level input voltage
X2/CLKIN, CLKIN2, CLKX, CLKR, TCLKX, TCLKR
– 0.3
0.7
V
VIL
Low-level input voltage
All other inputs
– 0.3
0.8
V
IOH
High-level output current (see Note 4)
– 300‡
µA
IOL
Low-level output current
2
mA
TC
Operating case temperature
0
85
°C
TA
Operating ambient temperature
–40
85
°C
‡ This IOH can be exceeded when using a 1-kΩ pulldown resistor on the TDM serial port TADD output; however, this output still meets VOH
specifications under these conditions.
NOTE 4: Figure 9 shows the test load circuit and Figure 10 and Figure 11 show the voltage reference levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com