Electronic Components Datasheet Search
  English  ▼

X  

TMS320C51 Datasheet(PDF) 83 Page - Texas Instruments

Part # TMS320C51
Description  DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C51 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320C51 Datasheet HTML 79Page - Texas Instruments TMS320C51 Datasheet HTML 80Page - Texas Instruments TMS320C51 Datasheet HTML 81Page - Texas Instruments TMS320C51 Datasheet HTML 82Page - Texas Instruments TMS320C51 Datasheet HTML 83Page - Texas Instruments TMS320C51 Datasheet HTML 84Page - Texas Instruments TMS320C51 Datasheet HTML 85Page - Texas Instruments TMS320C51 Datasheet HTML 86Page - Texas Instruments TMS320C51 Datasheet HTML 87Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 83 / 87 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
83
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MECHANICAL DATA
PBK/S-PQFP-G128
PLASTIC QUAD FLATPACK
4040279-3 / B 10/94
64
33
Gage Plane
0,13 NOM
0,25
0,45
0,75
Seating Plane
0,05 MIN
0,23
65
32
96
1
11,60 TYP
0,13
97
128
SQ
SQ
13,80
16,20
15,80
1,60 MAX
1,45
1,35
14,20
0
°–7°
0,08
0,40
M
0,07
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
Thermal Resistance Characteristics
PARAMETER
°C/W
R
ΘJA
58
R
ΘJC
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com