Electronic Components Datasheet Search
  English  ▼

X  

TMS320C51 Datasheet(PDF) 69 Page - Texas Instruments

Part # TMS320C51
Description  DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C51 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320C51 Datasheet HTML 65Page - Texas Instruments TMS320C51 Datasheet HTML 66Page - Texas Instruments TMS320C51 Datasheet HTML 67Page - Texas Instruments TMS320C51 Datasheet HTML 68Page - Texas Instruments TMS320C51 Datasheet HTML 69Page - Texas Instruments TMS320C51 Datasheet HTML 70Page - Texas Instruments TMS320C51 Datasheet HTML 71Page - Texas Instruments TMS320C51 Datasheet HTML 72Page - Texas Instruments TMS320C51 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 87 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
69
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SERIAL-PORT RECEIVE TIMING
timing requirements over recommended ranges of supply voltage and operating ambient-air
temperature [H = 0.5tc(CO)] (see Figure 22)
’320C5x-40
’320C5x-57
’320LC5x-40
’320LC5x-50
’320C5x-80
’320LC5x-80
’320C5x-100
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tc(SCK)
Cycle time, serial-port clock
5.2H†
‡
5.2H†
‡
5.2H†
‡
ns
tf(SCK)
Fall time, serial-port clock
8§
6§
6§
ns
tr(SCK)
Rise time, serial-port clock
8§
6§
6§
ns
tw(SCK)
Pulse duration, serial-port clock low / high
2.1H†
2.1H†
2.1H†
ns
tsu(FS-CK)
Setup time, FSR before CLKR falling edge
10
7
6
ns
tsu(DR-CK)
Setup time, DR before CLKR falling edge
10
7
6
ns
th(CK-FS)
Hold time, FSR after CLKR falling edge
10
7
6
ns
th(CK-DR)
Hold time, DR valid after CLKR falling edge
10
7
6
ns
† Values ensured by design but not tested
‡ The serial-port design is fully static and, therefore, can operate with tc(SCK) approaching ∞. It is characterized approaching an input frequency
of 0 Hz but tested at a much higher frequency to minimize test time.
§ Values derived from characterization data and not tested
Bit
DR
FSR
CLKR
8/16
7/15
2
1
tsu(DR-CK)
tsu(FS-CK)
th(CK-FS)
tw(SCK)
tr(SCK)
tf(SCK)
tw(SCK)
th(CK-DR)
tc(SCK)
Figure 22. Serial-Port Receive Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com