Electronic Components Datasheet Search
  English  ▼

X  

TMS320C51 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS320C51
Description  DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C51 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320C51 Datasheet HTML 25Page - Texas Instruments TMS320C51 Datasheet HTML 26Page - Texas Instruments TMS320C51 Datasheet HTML 27Page - Texas Instruments TMS320C51 Datasheet HTML 28Page - Texas Instruments TMS320C51 Datasheet HTML 29Page - Texas Instruments TMS320C51 Datasheet HTML 30Page - Texas Instruments TMS320C51 Datasheet HTML 31Page - Texas Instruments TMS320C51 Datasheet HTML 32Page - Texas Instruments TMS320C51 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
29
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
interrupts and subroutines
The ’C5x implements four general-purpose interrupts, INT4 – INT1, along with reset (RS) and the nonmaskable
interrupt (NMI) which are available for external devices to request the attention of the processor. Internal
interrupts are generated by the serial port (RINT and XINT), by the timer (TINT), and by the software-interrupt
(TRAP, INTR, and NMI) instructions. Interrupts are prioritized with RS having the highest priority, followed by
NMI, and INT4 having the lowest priority. Additionally, any interrupt except RS and NMI can be masked
individually with a dedicated bit in the interrupt mask register (IMR) and can be cleared, set, or tested using its
own dedicated bit in the interrupt flag register (IFR). The reset and NMI functions are not maskable.
All interrupt vector locations are on two-word boundaries so that branch instructions can be accommodated in
those locations. While normally located at program memory address 0, the interrupt vectors can be remapped
to the beginning of any 2K-word page in program memory by modifying the contents of the interrupt vector
pointer (IPTR) located in the PMST status register.
A built-in mechanism protects multicycle instructions from interrupts. If an interrupt occurs during a multicycle
instruction, the interrupt is not processed until the instruction completes execution. This mechanism applies to
instructions that are repeated (using the RPT instruction) and to instructions that become multicycle because
of wait states.
Each time an interrupt is serviced or a subroutine is entered, the PC is pushed onto an internal hardware stack,
providing a mechanism for returning to the previous context. The stack contains eight locations, allowing
interrupts or subroutines to be nested up to eight levels deep.
In addition to the eight-level hardware PC stack, eleven key CPU registers are equipped with an associated
single-level stack or shadow register into which the registers’ contents are saved upon servicing an interrupt.
The contents are restored into their particular CPU registers once a return-from-interrupt instruction (RETE or
RETI) is executed. The registers that have the shadow-register feature include the ACC and buffer, product
register, status registers, and several other key CPU registers. The shadow-register feature allows
sophisticated context save and restore operations to be handled automatically in cases where nested interrupts
are not required or if interrupt servicing is performed serially.
power-down modes
The ’C5x implements several power-down modes in which the ’C5x core enters a dormant state and dissipates
considerably less power. A power-down mode is invoked either by executing the IDLE / IDLE2 instructions or
by driving the HOLD input low. When the HOLD signal initiates the power-down mode, on-chip peripherals
continue to operate; this power-down mode is terminated when HOLD goes inactive.
While the ’C5x is in a power-down mode, all internal contents are maintained; this allows operation to continue
unaltered when the power-down mode is terminated. All CPU activities are halted when the IDLE instruction
is executed, but the CLKOUT1 pin remains active. The peripheral circuits continue to operate, allowing
peripherals such as serial ports and timers to take the CPU out of its powered-down state. A power-down mode,
when initiated by an IDLE instruction, is terminated upon receipt of an interrupt.
The IDLE2 instruction is used for a complete shutdown of the core CPU as well as all on-chip peripherals. In
IDLE2, the power is reduced significantly because the entire device is stopped. The power-down mode is
terminated by activating any of the external interrupt pins (RS, NMI, INT1, INT2, INT3, and INT4) for at least
five machine cycles.
bus-keeper circuitry (TMS320LC56 /’C57S/’LC57 )
The TMS320LC56 /’C57S /’LC57 devices provide built-in bus keeper circuitry which holds the last state driven
on the data bus by either the DSP or an external device after the bus is no longer being driven. This capability
prevents excess power consumption caused by a floating bus, thus allowing optimization of power consumption
without the need for external pullup resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com