Electronic Components Datasheet Search
  English  ▼

X  

TMS320C51 Datasheet(PDF) 82 Page - Texas Instruments

Part # TMS320C51
Description  DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C51 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS320C51 Datasheet HTML 78Page - Texas Instruments TMS320C51 Datasheet HTML 79Page - Texas Instruments TMS320C51 Datasheet HTML 80Page - Texas Instruments TMS320C51 Datasheet HTML 81Page - Texas Instruments TMS320C51 Datasheet HTML 82Page - Texas Instruments TMS320C51 Datasheet HTML 83Page - Texas Instruments TMS320C51 Datasheet HTML 84Page - Texas Instruments TMS320C51 Datasheet HTML 85Page - Texas Instruments TMS320C51 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 87 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
82
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MECHANICAL DATA
PQ (S-PQFP-G132)
PLASTIC QUAD FLATPACK
116
0.012 (0,30)
0.008 (0,20)
84
0.025 (0,635)
Seating Plane
0.966 (24,54)
0.934 (23,72)
1.112 (28,25)
1.088 (27,64)
0.800
(20,32)
SQ
132
1
17
83
51
SQ
SQ
18
50
0.180 (4,57) MAX
0.004 (0,10)
M
0.006 (0,15)
0.020
(0,51) MIN
0.130 (3,30)
0.150 (3,81)
0.006
(0,16)
NOM
Gage Plane
0.036 (0,91)
0.046 (1,17)
0
°–8°
117
0.010 (0,25)
1.090 (27,69)
1.070 (27,18)
SQ
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MO-069
Thermal Resistance Characteristics
PARAMETER
°C/W
R
ΘJA
35
R
ΘJC
8.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com