Electronic Components Datasheet Search
  English  ▼

X  

TMS320C51 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS320C51
Description  DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C51 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320C51 Datasheet HTML 29Page - Texas Instruments TMS320C51 Datasheet HTML 30Page - Texas Instruments TMS320C51 Datasheet HTML 31Page - Texas Instruments TMS320C51 Datasheet HTML 32Page - Texas Instruments TMS320C51 Datasheet HTML 33Page - Texas Instruments TMS320C51 Datasheet HTML 34Page - Texas Instruments TMS320C51 Datasheet HTML 35Page - Texas Instruments TMS320C51 Datasheet HTML 36Page - Texas Instruments TMS320C51 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
IEEE 1149.1 boundary scan interface
The IEEE 1149.1 boundary-scan interface is used for emulation and test purposes. The IEEE 1149.1 scanning
logic provides the boundary-scan path to and from the interfacing devices. Also, it can be used to test pin-to-pin
continuity as well as to perform operational tests on those peripheral devices that surround the ’C5x. On ’C5x
devices which do not provide boundary-scan capability, the IEEE 1149.1 interface is used for emulation
purposes only. It is interfaced to other internal scanning logic circuitry, which has access to all of the on-chip
resources. Thus, the ’C5x can perform on-board emulation by means of IEEE 1149.1 serial pins and the
emulation-dedicated pins (see IEEE Standard 1149.1 for more details). Table 5 shows IEEE 1149.1 and
boundary-scan functions supported by the ’C5x family of devices.
Table 5. IEEE 1149.1 Interface/Boundary Scan/On-Chip Analysis Block Configurations
on the ’C5x/’LC5x Device Family
DEVICE TYPE
IEEE 1149.1 INTERFACE
BOUNDARY-SCAN CAPABILITY
ON-CHIP ANALYSIS BLOCK
’C50 / ’LC50
Yes
Yes
Full
’C51 / ’LC51
Yes
Yes
Full
’C52 / ’LC52
Yes
No
Full
’C53 / ’LC53
Yes
Yes
Full
’C53S / ’LC53S
Yes
No
Reduced
’LC56
Yes
No
Full
’C57S
Yes
Yes
Full
’LC57
Yes
No
Full
on-chip analysis block
The on-chip analysis block, in conjunction with the ’C5x EVM, provides the capability to perform a variety of
debugging and performance evaluation functions in a target system. The full analysis block provides capability
for message passing by a combination of monitor mode and scan, flexible breakpoint setup based on events,
counting of events, and a PC discontinuity trace buffer. Breakpoints can be triggered based on the following
events: program fetches/reads/writes, EMU0/1 pin activity (used in multiprocessing), data reads/writes, CPU
events (calls, returns, interrupts/traps, branches, pipeline clock), and event-counter overflow. The event counter
is a 16-bit counter which can be used for performance analysis. The event counter can be incremented based
on the occurrence of the following events: CPU clocks (performance monitoring), pipeline advances, instruction
fetches (used to count instructions for an algorithm), branches, calls, returns, interrupts/traps, program
reads/writes, or data reads/writes. The PC discontinuity-trace buffer provides a method to monitor program
counter flow.
These analysis functions are available on all ’C5x devices except the ’C53S and ’LC53S which have a reduced
analysis block (see Table 5). The reduced analysis block provides capability for message passing and
breakpoints based on program fetches/reads/writes and EMU0/1 pin activity.
multiprocessing
The flexibility of the ’C5x allows configurations to satisfy a wide range of system requirements; the device can
be used in a variety of system configurations, including, but not limited to, the following:
D A standalone processor
D A multiprocessor with devices in parallel
D A slave/host multiprocessor with global-memory space
D A peripheral processor interfaced via processor-controlled signals to another device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com