Electronic Components Datasheet Search
  English  ▼

X  

TMS320C51 Datasheet(PDF) 53 Page - Texas Instruments

Part # TMS320C51
Description  DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C51 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320C51 Datasheet HTML 49Page - Texas Instruments TMS320C51 Datasheet HTML 50Page - Texas Instruments TMS320C51 Datasheet HTML 51Page - Texas Instruments TMS320C51 Datasheet HTML 52Page - Texas Instruments TMS320C51 Datasheet HTML 53Page - Texas Instruments TMS320C51 Datasheet HTML 54Page - Texas Instruments TMS320C51 Datasheet HTML 55Page - Texas Instruments TMS320C51 Datasheet HTML 56Page - Texas Instruments TMS320C51 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 87 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
53
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
external divide-by-two clock option
An external frequency source can be used by injecting the frequency directly into X2/CLKIN with X1 left
unconnected. Refer to Table 9 and Table 10 for appropriate configuration of the CLKMD1, CLKMD2 and
CLKMD3 pins to generate the external divide-by-2 clock option. The external frequency injected must conform
to the specifications listed in the timing requirements table.
switching characteristics over recommended operating conditions [ H = 0.5 tc(CO)] (’320C5x only)
(see Figure 13)
PARAMETER
’320C5x-40
’320C5x-57
UNIT
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tc(CO)
Cycle time, CLKOUT1
48.8
2tc(CI)
†
35
2tc(CI)
†
ns
td(CIH-COH/L)
Delay time, X2/CLKIN high to CLKOUT1 high / low
3
11
20
3
11
20
ns
tf(CO)
Fall time, CLKOUT1
5
5
ns
tr(CO)
Rise time, CLKOUT1
5
5
ns
tw(COL)
Pulse duration, CLKOUT1 low
H – 3
H
H + 2
H – 3
H
H + 2
ns
tw(COH)
Pulse duration, CLKOUT1 high
H – 3
H
H + 2
H – 3
H
H + 2
ns
PARAMETER
’320C5x-80
’320C5x-100
UNIT
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tc(CO)
Cycle time, CLKOUT1
25
2tc(CI)
†
20
2tc(CI)
†
ns
td(CIH-COH/L)
Delay time, X2/CLKIN high to CLKOUT1 high / low
1
9
18
1
9
18
ns
tf(CO)
Fall time, CLKOUT1
4
4
ns
tr(CO)
Rise time, CLKOUT1
4
4
ns
tw(COL)
Pulse duration, CLKOUT1 low
H – 3
H
H + 2
H – 3
H
H + 2
ns
tw(COH)
Pulse duration, CLKOUT1 high
H – 3
H
H + 2
H – 3
H
H + 2
ns
switching characteristics over recommended operating conditions [ H = 0.5 tc(CO)] (’320LC5x only)
(see Figure 13)
PARAMETER
’320LC5x-40
’320LC5x-50
’320LC5x-80
UNIT
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tc(CO)
Cycle time, CLKOUT1
50
2tc(CI)
†
40
2tc(CI)
†
25
2tc(CI)
†
ns
td(CIH-COH/L)
Delay time, X2/CLKIN high to
CLKOUT1 high / low
3
11
20
3
11
20
1
9
18
ns
tf(CO)
Fall time, CLKOUT1
5
5
4
ns
tr(CO)
Rise time, CLKOUT1
5
5
4
ns
tw(COL)
Pulse duration, CLKOUT1 low
H – 3
H
H + 2
H – 3
H
H + 2
H – 3
H
H + 2
ns
tw(COH)
Pulse duration, CLKOUT1 high
H – 3
H
H + 2
H – 3
H
H + 2
H – 3
H
H + 2
ns
† This device utilizes a fully static design and, therefore, can operate with tc(Cl) approaching infinity. The device is characterized at frequencies
approaching 0 Hz but is tested at tc(CO) = 300 ns to meet device test time requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com