Electronic Components Datasheet Search
  English  ▼

X  

TMS320C51 Datasheet(PDF) 76 Page - Texas Instruments

Part # TMS320C51
Description  DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C51 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320C51 Datasheet HTML 72Page - Texas Instruments TMS320C51 Datasheet HTML 73Page - Texas Instruments TMS320C51 Datasheet HTML 74Page - Texas Instruments TMS320C51 Datasheet HTML 75Page - Texas Instruments TMS320C51 Datasheet HTML 76Page - Texas Instruments TMS320C51 Datasheet HTML 77Page - Texas Instruments TMS320C51 Datasheet HTML 78Page - Texas Instruments TMS320C51 Datasheet HTML 79Page - Texas Instruments TMS320C51 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 87 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
76
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
BUFFERED SERIAL-PORT TRANSMIT TIMING OF INTERNAL FRAME AND INTERNAL CLOCK
(SEE NOTES 9 AND 10)
switching characteristics over recommended operating conditions [H = 0.5tc(CO)] (see Figure 29)
PARAMETER
MIN
MAX
UNIT
td(CXH-FXH)
Delay time, FSX high after CLKX rising edge
10
ns
td(CXH-FXL)
Delay time, FSX low after CLKX rising edge
10
ns
td(CXH-DXV)
Delay time, DX valid after CLKX rising edge
5
10
ns
tdis(CXH-DX)
Disable time, DX invalid after CLKX rising edge
4
8
ns
tdis(CXH-DX)PCM
Disable time in PCM mode, DX invalid after CLKX rising edge
10
ns
ten(CXH-DX)PCM
Enable time in PCM mode, DX valid after CLKX rising edge
16
ns
tc(SCK)
Cycle time, serial-port clock
2H
62H
ns
tf(SCK)
Fall time, serial-port clock
4†
ns
tr(SCK)
Rise time, serial-port clock
4†
ns
tw(SCK)
Pulse duration, serial-port clock low / high
H–4
ns
th(CXH-DXV)
Hold time, DX valid after CLKX rising edge
4
8
ns
† Values derived from characterization data and not tested
NOTES:
9. Internal clock with external FSX and vice versa are also allowable. However, FSX timings to CLKX always are defined depending
on the source of FSX, and CLKX timings always are dependent upon the source of CLKX. Specifically, the relationship of FSX to
CLKX is independent of the source of CLKX. External FSX timings are obtained from the “timing requirements over recommended
operating conditions” table listed in the “Buffered Serial-Port Transmit Timing of External Frames” section and internal FSX timings
are obtained from the “switching characteristics over recommended operating conditions” table listed under the “Buffered Serial-Port
Transmit Timing of Internal Frame and Internal Clock” section. Internal CLKX timings are obtained from the “switching characteristics
over recommended operating conditions” table listed under the “Buffered Serial-Port Transmit Timing of Internal Frame and Internal
Clock” section and external CLKX timings are obtained from the “timing requirements over recommended operating conditions” table
in the “Buffered Serial-Port Transmit Timing of External Frames” section.
10. Timings for CLKX and FSX are given with polarity bits (CLKP and FSP) set to 0.
DX
Bit
FSX
CLKX
2
1
th(CXH-DXV)
tr(SCK)
tf(SCK)
tw(SCK)
tc(SCK)
td(CXH-FXL)
td(CXH-DXV)
tdis(CXH-DX)
tw(SCK)
8/16
7 /15
td(CXH-FXH)
Figure 29. Buffered Serial-Port Transmit Timing of Internal Clocks and Internal Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com