Electronic Components Datasheet Search
  English  ▼

X  

TMS320C51 Datasheet(PDF) 67 Page - Texas Instruments

Part # TMS320C51
Description  DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C51 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320C51 Datasheet HTML 63Page - Texas Instruments TMS320C51 Datasheet HTML 64Page - Texas Instruments TMS320C51 Datasheet HTML 65Page - Texas Instruments TMS320C51 Datasheet HTML 66Page - Texas Instruments TMS320C51 Datasheet HTML 67Page - Texas Instruments TMS320C51 Datasheet HTML 68Page - Texas Instruments TMS320C51 Datasheet HTML 69Page - Texas Instruments TMS320C51 Datasheet HTML 70Page - Texas Instruments TMS320C51 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
67
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
EXTERNAL DMA
switching characteristics over recommended operating conditions [H = 0.5tc(CO)] (see Note 7)
(see Figure 21)
PARAMETER
’320C5x-40
’320C5x-57
’320LC5x-40
’320LC5x-50
’320C5x-80
’320LC5x-80
’320C5x-100
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
td(HOL-HAL)
Delay time, HOLD low to HOLDA low
4H
†
4H
†
4H
†
ns
td(HOH-HAH)
Delay time, HOLD high before HOLDA high
2H
2H
2H
ns
th(AZ-HAL)
Address high-impedance before HOLDA low‡
H–15§
H–10§
H–8§
ns
ten(HAH-Ad)
Enable time, HOLDA high to address driven
H–5§
H–4§
H–3§
ns
td(XBL-IQL)
Delay time, XBR low to IAQ low
4H§
6H§
4H§
6H§
4H§
6H§
ns
td(XBH-IQH)
Delay time, XBR high to IAQ high
2H§
4H§
2H§
4H§
2H§
4H§
ns
td(XSL-RDV)
Delay time, read data valid after XSTRB low
40
29
25
ns
th(XSH-RD)
Hold time, read data valid after XSTRB high
0
0
0
ns
ten(IQL-RDd)
Enable time, IAQ low to read data driven¶
0§
2H§
0§
2H§
0§
2H§
ns
th(XRL-DZ)
Hold time, XR / W low to data high impedance
0§
15§
0§
10§
0§
8
ns
th(IQH-DZ)
Hold time, IAQ high to data high impedance
H§
H§
H§
ns
ten(D-XRH)
Enable time, data from XR / W going high
4§
3§
2§
ns
† HOLD is not acknowledged until current external access request is complete.
‡ This parameter includes all memory control lines.
§ Values derived from characterization data and not tested
¶ This parameter refers to the delay between the time the condition (IAQ = 0 and XR / W = 1) is satisfied and the time that the ’C5x data lines become
valid.
NOTE 7: X preceding a name refers to external drive of the signal.
timing requirements over recommended ranges of supply voltage and operating ambient-air
temperature (see Note 7) (see Figure 21)
’320C5x-40
’320C5x-57
’320LC5x-40
’320LC5x-50
’320C5x-80
’320LC5x-80
’320C5x-100
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
td(HAL-XBL)
Delay time, HOLDA low to XBR low#
0§
0§
0§
ns
td(IQL-XSL)
Delay time, IAQ low to XSTRB low#
0§
0§
0§
ns
tsu(AV-XSL)
Setup time, Xaddress valid before XSTRB low
15
12
10
ns
tsu(DV-XSL)
Setup time, Xdata valid before XSTRB low
15
12
10
ns
th(XSL-D)
Hold time, Xdata hold after XSTRB low
15
12
10
ns
th(XSL-WA)
Hold time, write Xaddress hold after XSTRB low
15
12
10
ns
tw(XSL)
Pulse duration, XSTRB low
45
40
35
ns
tw(XSH)
Pulse duration, XSTRB high
45
40
35
ns
tsu(RW-XSL)
Setup time, R / W valid before XSTRB low
20
20
18
ns
th(XSH-RA)
Hold time, read Xaddress after XSTRB high
0
0
0
ns
§ Values derived from characterization data and not tested
# XBR, XR / W, and XSTRB lines must be pulled up with a 10-k
Ω resistor to be certain that they are in an inactive high state during the transition
period between the ’C5x driving them and the external circuit driving them.
NOTE 7: X preceding a name refers to external drive of the signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com