Electronic Components Datasheet Search
  English  ▼

X  

TMS320C51 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320C51
Description  DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C51 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320C51 Datasheet HTML 45Page - Texas Instruments TMS320C51 Datasheet HTML 46Page - Texas Instruments TMS320C51 Datasheet HTML 47Page - Texas Instruments TMS320C51 Datasheet HTML 48Page - Texas Instruments TMS320C51 Datasheet HTML 49Page - Texas Instruments TMS320C51 Datasheet HTML 50Page - Texas Instruments TMS320C51 Datasheet HTML 51Page - Texas Instruments TMS320C51 Datasheet HTML 52Page - Texas Instruments TMS320C51 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
Tester Pin
Electronics
VLoad
IOL
CT
IOH
Output
Under
Test
50
Ω
Where:
IOL
=
2 mA (all outputs) minimum
IOH
=
300
µA (all outputs) minimum
VLOAD =
1.5 V
CT
=
80-pF typical load circuit capacitance
Figure 9. Test Load Circuit
signal transition levels
The data in this section is shown for both the 5-V version (’C5x) and the 3.3-V version (’LC5x). In each case,
the 5-V data is shown followed by the 3.3-V data in parentheses. TTL-output levels are driven to a minimum
logic-high level of 2.4 V (2 V) and to a maximum logic-low level of 0.6 V (0.4 V). Figure 10 shows the TTL-level
outputs.
0.6 V (0.4 V)
1 V (0.8 V)
2 V (1.6 V)
2.4 V (2 V)
Figure 10. TTL-Level Outputs
TTL-output transition times are specified as follows:
D For a high-to-low transition, the level at which the output is said to be no longer high is 2 V (1.6 V), and the
level at which the output is said to be low is 1 V (0.8 V).
D For a low-to-high transition, the level at which the output is said to be no longer low is 1 V (0.8 V), and the
level at which the output is said to be high is 2 V (1.6 V).
Figure 11 shows the TTL-level inputs.
2 V (1.8 V)
0.8 V (0.6 V)
Figure 11. TTL-Level Inputs
TTL-compatible input transition times are specified as follows:
D For a high-to-low transition on an input signal, the level at which the input is said to be no longer high is
2 V (1.8 V), and the level at which the input is said to be low is 0.8 V (0.6 V).
D For a low-to-high transition on an input signal, the level at which the input is said to be no longer low is
0.8 V (0.6 V), and the level at which the input is said to be high is 2 V (1.8 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com