Electronic Components Datasheet Search
  English  ▼

X  

TMS320C51 Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS320C51
Description  DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C51 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320C51 Datasheet HTML 67Page - Texas Instruments TMS320C51 Datasheet HTML 68Page - Texas Instruments TMS320C51 Datasheet HTML 69Page - Texas Instruments TMS320C51 Datasheet HTML 70Page - Texas Instruments TMS320C51 Datasheet HTML 71Page - Texas Instruments TMS320C51 Datasheet HTML 72Page - Texas Instruments TMS320C51 Datasheet HTML 73Page - Texas Instruments TMS320C51 Datasheet HTML 74Page - Texas Instruments TMS320C51 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
71
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SERIAL-PORT TRANSMIT TIMING, INTERNAL CLOCKS, AND INTERNAL FRAMES
(SEE NOTE 8)
switching characteristics over recommended operating conditions [H = 0.5tc(CO)] (see Figure 24)
PARAMETER
’320C5x-40
’320C5x-57
’320LC5x-40
’320LC5x-50
’320C5x-80
’320C5x-100
’320LC5x-80
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
td(CX-FX)
Delay time, CLKX rising edge to FSX
–5
25
–4
18
ns
td(CX-DX)
Delay time, CLKX rising edge to DX
25
18
ns
tdis(CX-DX)
Disable time, CLKX rising edge to DX
40†
29†
ns
tc(SCK)
Cycle time, serial-port clock
8H
8H
ns
tf(SCK)
Fall time, serial-port clock
5
4
ns
tr(SCK)
Rise time, serial-port clock
5
4
ns
tw(SCK)
Pulse duration, serial-port clock low / high
4H – 20
4H – 14
ns
th(CXH-DXV)
Hold time, DX valid after CLKX high
–5
–4
ns
† Values derived from characterization data and not tested
NOTE 8: Internal clock with external FSX and vice versa are also allowable. However, FSX timings to CLKX always are defined depending on
the source of FSX, and CLKX timings always are dependent on the source of CLKX. Specifically, the relationship of FSX to CLKX is
independent of the source of CLKX.
DX
Bit
FSX
CLKX
2
1
th(CXH-DXV)
tr(SCK)
tf(SCK)
tw(SCK)
tc(SCK)
td(CX-FX)
td(CX-FX)
td(CX-DX)
tdis(CX-DX)
tw(SCK)
8/16
7 /15
Figure 24. Serial-Port Transmit Timing of Internal Clocks and Internal Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com