Electronic Components Datasheet Search
  English  ▼

X  

TMS320C51 Datasheet(PDF) 63 Page - Texas Instruments

Part # TMS320C51
Description  DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C51 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320C51 Datasheet HTML 59Page - Texas Instruments TMS320C51 Datasheet HTML 60Page - Texas Instruments TMS320C51 Datasheet HTML 61Page - Texas Instruments TMS320C51 Datasheet HTML 62Page - Texas Instruments TMS320C51 Datasheet HTML 63Page - Texas Instruments TMS320C51 Datasheet HTML 64Page - Texas Instruments TMS320C51 Datasheet HTML 65Page - Texas Instruments TMS320C51 Datasheet HTML 66Page - Texas Instruments TMS320C51 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 87 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
63
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
READY TIMING FOR EXTERNALLY-GENERATED WAIT STATES
timing requirements over recommended ranges of supply voltage and operating ambient-air
temperature (see Note 5) (see Figure 17 and Figure 18)
’320C5x-40
’320C5x-57
’320LC5x-40
’320LC5x-50
’320C5x-80
’320LC5x-80
’320C5x-100
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tsu(RY-COH)
Setup time, READY before CLKOUT1 rising edge
10
7
6
ns
tsu(RY-RDL)
Setup time, READY before RD falling edge
10
7
6
ns
th(COH-RYH)
Hold time, READY after CLKOUT1 rising edge
0
0
0
ns
th(RDL-RY)
Hold time, READY after RD falling edge
0
0
0
ns
th(WEL-RY)
Hold time, READY after WE falling edge
H + 5
H + 4
H + 3
ns
tv(WEL-RY)
Valid time, READY after WE falling edge
H – 15
H – 10
H – 8
ns
NOTE 5: The external READY input is sampled only after the internal software wait states are completed.
READY
A0 – A15
CLKOUT1
RD
Wait State
Generated
by READY
Wait State
Generated
Internally
th(RDL-RY)
tsu(RY-COH)
tsu(RY-COH)
th(COH-RYH)
tsu(RY-RDL)
Figure 17. Ready Timing for Externally-Generated Wait States During an External Read Cycle
READY
A0 – A15
CLKOUT1
Wait State Generated by READY
WE
th(COH-RYH)
tsu(RY-COH)
th(WEL-RY)
tv(WEL-RY)
Figure 18. Ready Timing for Externally-Generated Wait States During an External Write Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com