Electronic Components Datasheet Search
  English  ▼

X  

TMS320C51 Datasheet(PDF) 75 Page - Texas Instruments

Part # TMS320C51
Description  DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C51 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMS320C51 Datasheet HTML 71Page - Texas Instruments TMS320C51 Datasheet HTML 72Page - Texas Instruments TMS320C51 Datasheet HTML 73Page - Texas Instruments TMS320C51 Datasheet HTML 74Page - Texas Instruments TMS320C51 Datasheet HTML 75Page - Texas Instruments TMS320C51 Datasheet HTML 76Page - Texas Instruments TMS320C51 Datasheet HTML 77Page - Texas Instruments TMS320C51 Datasheet HTML 78Page - Texas Instruments TMS320C51 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 87 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
75
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
BUFFERED SERIAL-PORT TRANSMIT TIMING OF EXTERNAL FRAMES (SEE NOTES 9 AND 10)
switching characteristics over recommended operating conditions (see Figure 28)
PARAMETER
MIN
MAX
UNIT
td(CXH-DXV)
Delay time, DX valid after CLKX rising edge
5
21
ns
tdis(CXH-DX)
Disable time, DX invalid after CLKX rising edge
5
15
ns
tdis(CXH-DX)PCM
Disable time in PCM mode, DX invalid after CLKX rising edge
15
ns
ten(CXH-DX)PCM
Enable time in PCM mode, DX valid after CLKX rising edge
21
ns
th(CXH-DXV)
Hold time, DX valid after CLKX rising edge
5
20
ns
timing requirements over recommended operating conditions (see Figure 28)
MIN
MAX
UNIT
tc(SCK)
Cycle time, serial-port clock
25
†
ns
tf(SCK)
Fall time, serial-port clock
4‡
ns
tr(SCK)
Rise time, serial-port clock
4‡
ns
tw(SCK)
Pulse duration, serial-port clock low/high
8.5
ns
tsu(FX-CXL)
Setup time, FSX before CLKX falling edge
5
ns
th(CXL-FX)
Hold time, FSX after CLKX falling edge
5
tc(SCK)–5§
ns
† The serial-port design is fully static and, therefore, can operate with tc(SCK) approaching ∞. It is characterized approaching an input frequency
of 0 Hz but tested at a much higher frequency to minimize test time.
‡ Values derived from characterization data and not tested
§ If the FSX pulse does not meet this specification, the first bit of the serial data is driven on the DX pin until FSX goes low (sampled on falling edge
of CLKX). After falling edge of the FSX, data is shifted out on the DX pin.
NOTE 9: Internal clock with external FSX and vice versa are also allowable. However, FSX timings to CLKX always are defined depending on
the source of FSX, and CLKX timings always are dependent upon the source of CLKX. Specifically, the relationship of FSX to CLKX
is independent of the source of CLKX. External FSX timings are obtained from the “timing requirements over recommended operating
conditions” table listed in the “Buffered Serial-Port Transmit Timing of External Frames” section and internal FSX timings are obtained
from the “switching characteristics over recommended operating conditions” table listed under the “Buffered Serial-Port Transmit Timing
of Internal Frame and Internal Clock” section. Internal CLKX timings are obtained from the “switching characteristics over recommended
operating conditions” table listed under the “Buffered Serial-Port Transmit Timing of Internal Frame and Internal Clock” section and
external CLKX timings are obtained from the “timing requirements over recommended operating conditions” table in the “Buffered
Serial-Port Transmit Timing of External Frames” section.
NOTE 10: Timings for CLKX and FSX are given with polarity bits (CLKP and FSP) set to 0
DX BIt
FSX
CLKX
8/16
7/15
2
1
th(CXH-DXV)
td(CXH-DXV)
tw(SCK)
tr(SCK)
tf(SCK)
tw(SCK)
tc(SCK)
th(CXL-FX)
tdis(CXH-DX)
tsu(FX-CXL)
Figure 28. Buffered Serial-Port Transmit Timing of External Clocks and External Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com