Electronic Components Datasheet Search
  English  ▼

X  

TMS320C51 Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS320C51
Description  DIGITAL SIGNAL PROCESSORS
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C51 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320C51 Datasheet HTML 42Page - Texas Instruments TMS320C51 Datasheet HTML 43Page - Texas Instruments TMS320C51 Datasheet HTML 44Page - Texas Instruments TMS320C51 Datasheet HTML 45Page - Texas Instruments TMS320C51 Datasheet HTML 46Page - Texas Instruments TMS320C51 Datasheet HTML 47Page - Texas Instruments TMS320C51 Datasheet HTML 48Page - Texas Instruments TMS320C51 Datasheet HTML 49Page - Texas Instruments TMS320C51 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 87 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
46
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and operating ambient-air
temperature (unless otherwise noted) (’320C5x only)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VOH
High-level output voltage (see Note 4)
IOH = 300 µA
2.4
3
V
VOL
Low-level output voltage (see Note 4)
IOL = 2 mA
0.3
0.6
V
IOZ
High impedance output current (VDD = 5 25 V)
BR (with internal pullup)
– 500
20
µA
IOZ
High-impedance output current (VDD = 5.25 V)
All other 3-state outputs
–20
20
µA
TRST (with internal pulldown)
–10
800
II
Input current ( VI =VSS to VDD)
TMS, TCK, TDI (with internal pullups)
– 500
10
µA
II
Input current (VI = VSS to VDD)
X2 /CLKIN
–50
50
µA
All other inputs
–10
10
fx = 40 MHz,
VDD = 5.25 V
60
IDD(
)
Supply current core CPU
fx = 57 MHz,
VDD = 5.25 V
67
mA
IDD(core)
Supply current, core CPU
fx = 80 MHz,
VDD = 5.25 V
94
mA
fx = 100 MHz,
VDD = 5.25 V
110
fx = 40 MHz,
VDD = 5.25 V
40
IDD( i )
Supply current pins
fx = 57 MHz,
VDD = 5.25 V
45
mA
IDD(pins)
Supply current, pins
fx = 80 MHz,
VDD = 5.25 V
63
mA
fx = 100 MHz,
VDD = 5.25 V
75
IDD(standby)Supply current, standby
IDLE2, divide-by-two clock mode, clocks
shut off
5
µA
Ci
Input capacitance
15
pF
Co
Output capacitance
15
pF
† Typical values are at VDD = 5 V, TA = 25°C, unless otherwise specified.
NOTE 4: Figure 9 shows the test load circuit and Figure 10 and Figure 11 show the voltage reference levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com