Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA233 Datasheet HTML 16Page - Texas Instruments INA233 Datasheet HTML 17Page - Texas Instruments INA233 Datasheet HTML 18Page - Texas Instruments INA233 Datasheet HTML 19Page - Texas Instruments INA233 Datasheet HTML 20Page - Texas Instruments INA233 Datasheet HTML 21Page - Texas Instruments INA233 Datasheet HTML 22Page - Texas Instruments INA233 Datasheet HTML 23Page - Texas Instruments INA233 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Frame 1 Two-Wire Slave Address Byte
(1)
Frame 2 Data LSByte
(2)
1
ReSt art By
Master
ACK By
Slave
ACK By
Master
From
Slave
1
9
1
9
SDA
SCL
0
0
A3
R/W
D15
D14
D13
D12
D11 D10
D9
D8
A2
A1
A0
Frame 3 Data MSByte
(2)
Stop
No ACK By
(3)
Master
From
Slave
1
9
D7
D6
D5
D4
D3
D2
D1
D0
Frame 1 Two-Wire Slave Address Byte
(1)
Frame 2 PMBus Command Code
1
Start By
Master
ACK By
Slave
ACK By
Slave
1
9
1
9
SDA
SCL
0
0
A3
A2
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Stop
Frame 1 Two-Wire Slave Address Byte
(1)
Frame 2 PMBus Command Code
Start By
Master
ACK By
Slave
ACK By
Slave
1
9
1
ACK By
Slave
1
D15 D14
D13
D12
D11 D10
D9
D8
9
9
SDA
SCL
1
0
0
A3
A2
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Frame 4 Data MSByte
Frame 3 Data LSByte
ACK By
Slave
Stop By
Master
1
D7
D6
D5
D4
D3
D2
D1
D0
9
20
INA233
SBOS790 – APRIL 2017
www.ti.com
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
The timing structure for SEND BYTE commands is the same as WRITE WORD commands except no data
packets are sent.
When reading from the device, first the device is written to with the desired PMBus command that is to return the
desired value. This write is accomplished by issuing a slave address byte with the R/W bit low, followed by the
PMBus command code. No additional data are required. The master then generates a repeated START
condition and sends the slave address byte with the R/W bit high to initiate the read command. The next byte is
transmitted by the slave and is the most significant byte of the register indicated by the register pointer. This byte
is followed by an Acknowledge (ACK) from the master; then the slave transmits the least significant byte. The
master acknowledges receipt of the data byte. The master can terminate data transfer by generating a Not-
Acknowledge after receiving any data byte, or by generating a START or STOP condition. If repeated reads from
the same register are desired, the register pointer bytes do not have to be continually sent; the device retains the
register pointer value until the value is changed by the next write operation.
The READ BYTE format has the same timing structure as the READ WORD format except a byte of data is
returned instead of a word.
Figure 26 shows the write operation timing diagram. Figure 27 shows the read operation timing diagram.
NOTE
Register bytes are sent least-significant byte first, followed by the most significant byte.
(1)
The value of the slave address byte is determined by the settings of the A0 and A1 pins; see Table 2.
Figure 26. Timing Diagram for Write Word Format
(1)
The value of the slave address byte is determined by the settings of the A0 and A1 pins; see Table 2.
(2)
Read data are from the previous PMBus command code.
(3)
An Acknowledge by the master can also be sent.
Figure 27. Timing Diagram for Read Word Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com