Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 42 Page - Texas Instruments

Back Button INA233 Datasheet HTML 38Page - Texas Instruments INA233 Datasheet HTML 39Page - Texas Instruments INA233 Datasheet HTML 40Page - Texas Instruments INA233 Datasheet HTML 41Page - Texas Instruments INA233 Datasheet HTML 42Page - Texas Instruments INA233 Datasheet HTML 43Page - Texas Instruments INA233 Datasheet HTML 44Page - Texas Instruments INA233 Datasheet HTML 45Page - Texas Instruments INA233 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
42
INA233
SBOS790 – APRIL 2017
www.ti.com
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
The INA233 measures the voltage developed across a current-sensing resistor (RSHUNT) when current passes
through it. The device also measures the bus supply voltage and can calculate power when the calibration
register is properly configured. The device comes with alert capability where the ALERT pin can be programmed
to respond to a user-defined event or to a conversion ready notification. This design illustrates the ability of the
ALERT pin to respond to a set input overvoltage threshold and how to correctly set the calibration registers and
calculate returned values. Table 35 details the requirements for this design.
Table 35. Design Requirements
PARAMETER
DESIGN TARGET
Power-supply voltage, VS
5 V
Nominal bus supply voltage, VBUS
5 V
VBUS overvoltage warning threshold
5.5 V
Nominal load current
10 A
Peak load current
15 A
Overcurrent warning threshold
15 A
RSHUNT
2 mΩ
8.2.2 Detailed Design Procedure
This design example walks through the process of programming the calibration register, calculating the PMBus
coefficients, setting the correct overvoltage and overcurrent warning thresholds, and how to properly scale
returned values from the device. The device alert response time is also examined with 140-µs and 1.1-ms ADC
conversion rates.
8.2.2.1 Programming the Calibration Register
For this example, assuming a peak current of less than 15 A, the Current_LSB is calculated to be 457.7 μA/bit
using Equation 2. Selecting a value for the Current_LSB of 500 μA/bit or 1 mA/bit significantly simplifies the
conversion of the returned value from the READ_IN and READ_PIN commands to amperes and watts. For this
example, a value of 1 mA/bit is chosen for the Current_LSB. Using this value for the Current_LSB does trade a
small amount of resolution for having a simpler conversion process on the user side. Using Equation 1 in this
example with a Current_LSB value of 1 mA/bit and a shunt resistor of 2 mΩ results in a MFR_CALIBRATION
register value of 2560d (or A00h).
8.2.2.2 Calculating PMBus Coefficients
The m, b, and R coefficients are fixed for bus voltage measurements returned by the READ_VIN and
READ_VOUT and are available from Table 1.
For current and power measurements, the value for the m and R coefficients must be calculated. For current
measurements returned by the READ_IIN and READ_IOUT commands, the value for m is calculated by inverting
the Current_LSB used to set the MFR_CALIBRATION register and shifting the decimal location if needed to
minimize rounding errors. In this example, using the Current_LSB of 1 mA/bit, the value of m is calculated to be
1000. Shifting the decimal location does not obtain higher accuracy because the value for m is a whole number.
The value for R in this example is 0 because the decimal location for the value of m does not need shifting.
The POWER_LSB value is 25 times the value of the CURRENT_LSB, therefore, the value for m is reduced by a
factor of 25. For this example, the value for the m power coefficient 1000 / 25 or 40. For this case, the R
coefficient is also 0 because m is a whole number. If m is not a whole number, then shifting the decimal place is
advantageous to reduce rounding errors while keeping the value between –32768 and 32767. Decimal shifts to
the right result in negative values for R and shifts to the left result in positive values; the number of shifts is the
absolute value of R.
The value of 0 can be used for b for both current and power measurements with very little loss in accuracy
because the offset for power and current measurements is very low. The m, b, and R coefficients are fixed for
bus voltage measurements returned by the READ_VIN and READ_VOUT and are available from Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com