Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 41 Page - Texas Instruments

Back Button INA233 Datasheet HTML 37Page - Texas Instruments INA233 Datasheet HTML 38Page - Texas Instruments INA233 Datasheet HTML 39Page - Texas Instruments INA233 Datasheet HTML 40Page - Texas Instruments INA233 Datasheet HTML 41Page - Texas Instruments INA233 Datasheet HTML 42Page - Texas Instruments INA233 Datasheet HTML 43Page - Texas Instruments INA233 Datasheet HTML 44Page - Texas Instruments INA233 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
´
Power Register
Current Register
IC
2
Interface
Voltage Register
ADC
C
0.1 µF
BYPASS
10-A
Load
Alert Register
3.3-V Supply
Voltage
5 - Bus Supply
R
2 m
SHUNT
:
Pullup Resistors
A0
ALERT
A1
SDA
SCL
GND
VBUS
IN-
IN+
VS
INA233
Copyright © 2017, Texas Instruments Incorporated
41
INA233
www.ti.com
SBOS790 – APRIL 2017
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Validate and test
the design implementation to confirm system functionality.
8.1 Application Information
The INA233 is a current shunt and power monitor with an I2C-, SMBus-, and PMBus-compatible interface. The
device monitors both a shunt voltage drop and bus supply voltage. Programmable calibration value, conversion
times, and averaging (combined with an internal multiplier) enable direct readouts of current in amperes and
power in watts.
8.2 Typical Application
Figure 43. Typical High-Side Sensing Circuit Configuration, INA233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com