Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA233 Datasheet HTML 28Page - Texas Instruments INA233 Datasheet HTML 29Page - Texas Instruments INA233 Datasheet HTML 30Page - Texas Instruments INA233 Datasheet HTML 31Page - Texas Instruments INA233 Datasheet HTML 32Page - Texas Instruments INA233 Datasheet HTML 33Page - Texas Instruments INA233 Datasheet HTML 34Page - Texas Instruments INA233 Datasheet HTML 35Page - Texas Instruments INA233 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32
INA233
SBOS790 – APRIL 2017
www.ti.com
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 16. READ_EIN Definitions
BYTE
MEANING
DEFAULT
6
Sample count high byte
0
5
Sample count mid byte
0
4
Sample count low byte
0
3
Power accumulator rollover count
0
2
Power accumulator high byte
0
1
Power accumulator low byte
0
0
Number of bytes
6
When the average power is calculated over a known number of samples, energy can be calculated by taking the
product of the average power and the time interval for that average. The time interval can be externally
measured or calculated by multiplying the number of samples reported by the ADC conversion time inclusive of
any device averaging modes. However, calculating the energy consumption using the ADC conversion time
results in a 10% error in the energy reading because of variations in the internal sampling oscillator. For
increased precision in the energy measurement, using a higher accuracy external time measurement method is
recommended.
The energy accumulator can be configured by the MFR_DEVICE_CONFIG command to automatically clear with
each READ_EIN command. The ability to clear the accumulator on a read permits the device to be easily
synchronised to an external timer and allows the accumulator to always start at 0, thus eliminating the need to
subtract the initial accumulated values and sample counts.
The
READ_EIN
power
accumulator
can
also
be
cleared
by
issuing
a
CLEAR_EIN
command
or
RESTORE_DEFAULTS_ALL command. Clearing the power accumulator with the RESTORE_DEFAULTS_ALL
command is not recommended because this command also clears the calibration register used to scale the
accumulated power.
7.6.2.15 READ_VIN (88h)
READ_VIN is a standard PMBus command that returns the 16-bit measured value of the input voltage as read
from the VBUS pin. Use the coefficients listed in Table 1 to read this register. Use the PMBus read word protocol
to access this command. This value is also used internally for the VIN_OV_WARN and VIN_UV_WARN
detection.
Table 17. READ_VIN Register
VALUE
MEANING
DEFAULT
0h–7FFFh
Measured value for VBUS
0000h
Full-scale range = 40.96 V (7FFFh) and LSB = 1.25 mV.
7.6.2.16 READ_IIN (89h)
READ_IN is a standard PMBus command that returns the 16-bit signed value of the sensed current. Use the
PMBus read word protocol to access this command. This value is also used internally for the IOUT_OC_WARN
detection.
Table 18. READ_IIN Register
VALUE
MEANING
DEFAULT
0000h–FFFFh
Measured value for IIN
0000h
If averaging is enabled, this register displays the averaged value. The value returned by the READ_IIN command
is calculated by multiplying the decimal value in the READ_VHSUNT_OUT register with the decimal value of the
MFR_CALIBRATION register.
7.6.2.17 READ_VOUT (8Bh)
This command is a mirror of the READ_VIN command supported for cases where VBUS is connected to the
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com