Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 3 Page - Texas Instruments

  INA233 Datasheet HTML 1Page - Texas Instruments INA233 Datasheet HTML 2Page - Texas Instruments INA233 Datasheet HTML 3Page - Texas Instruments INA233 Datasheet HTML 4Page - Texas Instruments INA233 Datasheet HTML 5Page - Texas Instruments INA233 Datasheet HTML 6Page - Texas Instruments INA233 Datasheet HTML 7Page - Texas Instruments INA233 Datasheet HTML 8Page - Texas Instruments INA233 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
1
A1
10
IN+
2
A0
9
IN±
3
ALERT
8
VBUS
4
SDA
7
GND
5
SCL
6
VS
Not to scale
3
INA233
www.ti.com
SBOS790 – APRIL 2017
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DGS Package
10-Pin VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A0
2
Digital input
Address pin. Connect to GND, SCL, SDA, or VS. Table 3 lists the pin settings and corresponding addresses.
A1
1
Digital input
Address pin. Connect to GND, SCL, SDA, or VS. Table 3 lists the pin settings and corresponding addresses.
ALERT
3
Digital output
PMBus-compatible multifunctional alert, open-drain output. This pin alerts on independent settings for
overcurrent, under- and overvoltage, and overpower conditions.
GND
7
Analog
Ground
IN–
9
Analog input
Connect to the load side of the shunt resistor
IN+
10
Analog input
Connect to the supply side of the shunt resistor
SCL
5
Digital input
Serial bus clock line, open-drain input
SDA
4
Digital I/O
Serial bus data line, open-drain input/output
VBUS
8
Analog input
Bus voltage input
VS
6
Analog
Power supply, 2.7 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com