Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 38 Page - Texas Instruments

Back Button INA233 Datasheet HTML 34Page - Texas Instruments INA233 Datasheet HTML 35Page - Texas Instruments INA233 Datasheet HTML 36Page - Texas Instruments INA233 Datasheet HTML 37Page - Texas Instruments INA233 Datasheet HTML 38Page - Texas Instruments INA233 Datasheet HTML 39Page - Texas Instruments INA233 Datasheet HTML 40Page - Texas Instruments INA233 Datasheet HTML 41Page - Texas Instruments INA233 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
38
INA233
SBOS790 – APRIL 2017
www.ti.com
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.3.5
MFR_DEVICE_CONFIG (D5h) [default = 00000010]
This register configures various behaviors of the device in regards to data communications and alerts.
Figure 39. MFR_DEVICE_CONFIG
7
6
5
4
3
2
1
0
EIN_STATUS
Reserved
EIN_ACCUM
I2C_FILT
READ_EIN
Autoclear
Alert Behavior
APOL
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
Table 31. MFR_DEVICE_CONFIG Field Descriptions
Bit
Field
Type
Default
Description
7
EIN_STATUS
R/W
0
0 = All values added to the EIN accumulator match the setting of
EIN_ACCUM
1 = The EIN accumulator encountered a value inconsistent with
the selected mode of operation. For EIN_ACCUM = 01, a
negative value of the sign bit of READ_IIN is detected. For
EIN_ACCUM = 10, a positive value of the sign bit of READ_IIN is
detected. EIN_STATUS is not set when EIN_ACCUM is 00 or 11.
6
Reserved
R/W
0
Reserved
5:4
EIN_ACCUM
R/W
00
00, 11 = The READ_EIN accumulator sums all values of the
READ_POUT register. Both negative and currents will increase
the accumulator.
01 = The READ_EIN only sums positive values of the
READ_POUT register based on the sign bit of the READ_IIN
register; the sample count continues to increment for negative
values
10 = The READ_EIN only sums negative values of the
READ_POUT register based on the sign bit of the READ_IIN
register; the sample count continues to increment for positive
values
3
I2C_FILT
R/W
0
0 = Normal operation
1 = Disables the I2C input filter
2
READ_EIN Autoclear
R/W
0
0 = Does not clear the sample count and accumulator
1 = Clears the sample count and accumulator after read
1
Alert Behavior
R/W
1
0 = Transparent
1 = Latched
0
APOL
R/W
0
Alert polarity bit.
0 = Normal
1 = Inverted
7.6.3.6 5.1.1 CLEAR_EIN (D6h)
No data are associated with this command.
This register clears the READ_EIN accumulator and counters. One sample of data may be lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com