Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA233 Datasheet HTML 17Page - Texas Instruments INA233 Datasheet HTML 18Page - Texas Instruments INA233 Datasheet HTML 19Page - Texas Instruments INA233 Datasheet HTML 20Page - Texas Instruments INA233 Datasheet HTML 21Page - Texas Instruments INA233 Datasheet HTML 22Page - Texas Instruments INA233 Datasheet HTML 23Page - Texas Instruments INA233 Datasheet HTML 24Page - Texas Instruments INA233 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Frame 1 SMBus ALERT Response Address Byte
Frame 2 Slave Address Byte
(1)
Start By
Master
ACK By
Slave
From
Slave
NACK By
Master
Stop By
Master
1
9
1
9
SDA
SCL
ALERT
0
0
0
1
1
0
0
R/W
1
0
0
A3
A2
A1
A0
0
Frame 1 Slave Address Byte
(1)
Frame 2 PMBus Command Code
Start By
Master
ACK By
Slave
ACK By
Slave
1
9
1
ACK By
Master
1
9
9
SDA
SCL
1
0
0
A3
A2
A1
A0
P7
P6
P5
P4
P3
P2
P1
P0
Frame 3 Slave Address Byte
D7
D6
D5
D4
D3
D2
D1
D0
Frame 5 Data Byte 1
Stop by
Master
1
9
SDA
SCL
Frame N+4 Data Byte N
No ACK By
Master
1
9
ACK By
Master
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Frame 4 Number of
Bytes = N
1
9
ACK By
Master
1
0
0
A3
A2
A1
A0
Repeated Start
By Master
R/W
R/W
21
INA233
www.ti.com
SBOS790 – APRIL 2017
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
A block read is similar to the read word format in that first the device is written to with the desired PMBus
command that is to return the desired value. This write is accomplished by issuing a slave address byte with the
R/W bit low, followed by the PMBus command code. The master then generates a repeated START condition
and sends the slave address byte with the R/W bit high to initiate the read command. The next byte is
transmitted by the slave is the total number of bytes that are sent to the master. This byte is followed by an
Acknowledge (ACK) from the master; then the slave transmits the first data byte. At the end of each byte the
master sends an Acknowledge and the next byte is sent by the slave. The master can terminate data transfer by
generating a Not-Acknowledge after receiving any data byte, or by generating a START or STOP condition.
Figure 28 shows the block read operation timing diagram. Figure 29 shows the timing diagram for the SMBus
Alert response operation.
A.
The value of the slave address byte is determined by the settings of the A0 and A1 pins; see Table 2.
Figure 28. Timing Diagram for Block Read Format
(1)
The value of the slave address byte is determined by the settings of the A0 and A1 pins; see Table 2.
Figure 29. Timing Diagram for SMBus ALERT Response
7.5.6.3.1
Packet Error Checking
The INA233 supports packet error checking as described in the SMBus version 3.0 specification. Packet error
checking is a method to improve the reliably and communication robustness of the digital interface. Packet error
checking is implemented by appending a packet error code (PEC) at the end of each message transfer. To
maximize compatibly, devices that support packet error checking must be able to communicate with the host and
other devices that do not support the error checking protocol. Therefore, packet error checking can help improve
the communication robustness when desired but is optional when not supported by the master or other devices
on the bus. See the SMBus version 3.0 specification for additional details on implementing packet error checking
in an SMBus environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com