Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA233 Datasheet HTML 21Page - Texas Instruments INA233 Datasheet HTML 22Page - Texas Instruments INA233 Datasheet HTML 23Page - Texas Instruments INA233 Datasheet HTML 24Page - Texas Instruments INA233 Datasheet HTML 25Page - Texas Instruments INA233 Datasheet HTML 26Page - Texas Instruments INA233 Datasheet HTML 27Page - Texas Instruments INA233 Datasheet HTML 28Page - Texas Instruments INA233 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
25
INA233
www.ti.com
SBOS790 – APRIL 2017
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.2.4 IOUT_OC_WARN_LIMIT (4Ah) [default = 01111111 11111000]
This command is an overcurrent warn limit. This standard PMBus command is used to set or read the threshold
of the first level warning of high output currents. Use the PMBus read or write word protocol to access this
command. The contents of the IOUT_OC_WARN_LIMIT register are compared to the current-sense ADC
telemetry value to detect high output current. This warning threshold applies to both positive and negative
currents.
Enter the value in the register in amps with the same scaling and coefficients used for reading current.
When this input overcurrent warning limit is exceeded, the device:
•
Sets the NONE OF THE ABOVE bit in the STATUS_BYTE register
•
Sets the IOUT bit in the STATUS_WORD register
•
Sets the IOUT_OC_WARNING bit in the STATUS_IOUT register
•
Sets the INPUT bit in the STATUS_WORD register
•
Sets the IIN_OC_WARNING bit in the STATUS_INPUT register
•
Notifies (if unmasked) the host using the ALERT pin
This warning is masked with the MFR_ALERT_MASK command with the IIN_OC_WARN bit.
See the Reading and Writing Telemetry Data and Warning Thresholds and Writing Telemetry Data and Warning
Thresholds sections for additional information on reading and setting warning thresholds.
Figure 31. IOUT_OC_WARN_LIMIT
15
14
13
12
11
10
9
8
—
IO11
IO10
IO9
IO8
IO7
IO6
IO5
R-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
7
6
5
4
3
2
1
0
IO4
IO3
IO2
IO1
IO0
—
—
—
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R-0
R-0
R-0
Table 6. IOUT_OC_WARN_LIMIT Field Descriptions
Bit
Field
Type
Default
Description
15
—
R
0
Reserved; always 0.
14:3
IO[11:0]
R/W
1
These bits control the IOUT_OC_WARN_LIMIT. The bit
weightings in this register match the bit weightings in the
READ_IOUT register (IO0 = II3).
2:0
—
R
0
Reserved; always 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com