Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA233 Datasheet HTML 8Page - Texas Instruments INA233 Datasheet HTML 9Page - Texas Instruments INA233 Datasheet HTML 10Page - Texas Instruments INA233 Datasheet HTML 11Page - Texas Instruments INA233 Datasheet HTML 12Page - Texas Instruments INA233 Datasheet HTML 13Page - Texas Instruments INA233 Datasheet HTML 14Page - Texas Instruments INA233 Datasheet HTML 15Page - Texas Instruments INA233 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
P
Current Limit Detect Following
Every Shunt Voltage Conversion
Bus and Power Limit Detect
Following Every Bus Voltage Conversion
Power Average
Bus Voltage Average
Shunt Voltage Average
12
INA233
SBOS790 – APRIL 2017
www.ti.com
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Although the device can be read at any time, and the data from the last conversion remain available, the
conversion ready flag bit (MFR_ALERT_MASK, conversion ready bit) is provided to help coordinate one-shot or
triggered conversions. The conversion ready bit is set after all conversions, averaging, and multiplication
operations are complete.
The conversion ready bit clears under these conditions:
•
Writing to the MFR_ADC_CONFIG register, except when configuring the MODE bits for power-down mode; or
•
Reading the MFR_ALERT_MASK register
7.3.2 Interleaved Power Calculation
The current and shunt voltage measurements are interleaved to minimize time alignment errors in the power
measurement. Figure 23 shows that power is calculated following the bus voltage measurement based on the
previous current calculation and bus voltage measurement. The power calculation is performed in the
background and does not add to the overall conversion times for bus voltage or current. These current and
power values are considered intermediate results (unless the averaging is set to 1) and are stored in an internal
accumulation register instead of the corresponding output registers. Following every measured sample, the
newly-calculated values for current and power are appended to this accumulation register until all samples are
measured and averaged based on the number of averages set in the MFR_ADC_CONFIG register.
Figure 23. Power Calculation Scheme
In addition to the current and power accumulating after every sample, the shunt and bus voltage measurements
are also collected. After all samples are measured and the corresponding current and power calculations are
made, the accumulated average for each parameter is then loaded to the corresponding output registers and can
then be read.
7.3.3 Power Accumulator and Energy Measurement
The INA233 has an integrated power accumulator that records the total accumulated power and the
corresponding sample count and rollover counts. The accumulated power and sample count is accessible
through the READ_EIN PMBus command and can be used for both energy metering and on-demand average
power calculations. The READ_EIN section details how to use the power accumulator for both average power
and energy calculations.
7.3.4 I2C-, SMBus-, and PMBus-Compatible Digital Interface
The INA233 features an I2C-compatible, 2-wire interface with an open-drain alert output. The data transfer format
is SMBus version 3.0 compliant and the device supports multiple PMBus commands that allow the device to be
easily used along side PMBus version 1.3 devices. Logic levels of 0.4 V (maximum VIL) and 1.4 V (minimum VIH)
allow the device to be used with digital bus voltages ranging from 1.8 V to 5.0 V (5.5-V maximum operating). The
digital interface can support clock speeds as high as 400 kHz and offers packet error checking for increased
communications robustness. The device supports group protocol as defined in the PMBus version 1.3.1
specification that allows the host processor to easily communicate with multiple devices on the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com