Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA233 Datasheet HTML 26Page - Texas Instruments INA233 Datasheet HTML 27Page - Texas Instruments INA233 Datasheet HTML 28Page - Texas Instruments INA233 Datasheet HTML 29Page - Texas Instruments INA233 Datasheet HTML 30Page - Texas Instruments INA233 Datasheet HTML 31Page - Texas Instruments INA233 Datasheet HTML 32Page - Texas Instruments INA233 Datasheet HTML 33Page - Texas Instruments INA233 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
30
INA233
SBOS790 – APRIL 2017
www.ti.com
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.2.11 STATUS_INPUT (7Ch)
STATUS_INPUT is a standard PMBus command that returns the value of the of a number of flags related to
input voltage, current, and power. Use the PMBus read byte protocol to access this command. To clear bits in
this register, clear the underlying fault and issue a CLEAR_FAULTS command or write a 1 to the bit to be
cleared. Table 13 lists the definitions for this command.
Table 13. STATUS_INPUT Definitions
BIT
NAME
MEANING
DEFAULT
7
VIN_OV fault
Not supported
0
6
VIN_OV_WARN
An input overvoltage warning has occurred
0
5
VIN_UV_WARN
An input undervoltage warning has occurred
0
4
VIN_UV fault
Not supported
0
3
Insufficient voltage
Not supported
0
2
IIN_OC fault
Not supported
0
1
IIN_OC_WARN
An input overcurrent warning has occurred
0
0
PIN_OP_WARN
An input overpower warning has occurred
0
7.6.2.12 STATUS_CML (7Eh)
STATUS_CML is a standard PMBus command that returns the value of a number of flags related to
communication faults. Use the PMBus read byte protocol to access this command. To clear bits in this register,
issue a CLEAR FAULTS command or write a 1 to the bit to be cleared. Table 14 lists the definitions for this
command.
Table 14. STATUS_CML Definitions
BIT
MEANING
DEFAULT
7
Invalid or unsupported command received
0
6
Not supported
0
5
Packet error check failed
0
4
Memory fault detected (trim fuse CRC failed, ECC active)
0
3
Not supported
0
2
Reserved
0
1
Not supported
0
0
Not supported
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com