Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA233 Datasheet HTML 12Page - Texas Instruments INA233 Datasheet HTML 13Page - Texas Instruments INA233 Datasheet HTML 14Page - Texas Instruments INA233 Datasheet HTML 15Page - Texas Instruments INA233 Datasheet HTML 16Page - Texas Instruments INA233 Datasheet HTML 17Page - Texas Instruments INA233 Datasheet HTML 18Page - Texas Instruments INA233 Datasheet HTML 19Page - Texas Instruments INA233 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Maximum Expected Current
2
15
Current_LSB =
CAL =
0.00512
Current_LSB
R
SHUNT
·
16
INA233
SBOS790 – APRIL 2017
www.ti.com
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Programming (continued)
7.5.2 Calibration Register and Scaling
An important aspect of the INA233 is that the device does not necessarily measure current or power. The device
measures both the differential voltage applied between the IN+ and IN– input pins and the voltage applied to the
VBUS pin. By correctly setting the calibration register scaling with the MFR_CALIBRATION command, returned
values are calculated in voltage, amperes, and watts by scaling the returned value by the appropriate lest
significant bit value (LSB) or by using the PMBus direct mode equation (Equation 3).
Equation 1 is used to obtain the value for the MFR_CALIGRATION register. This equation includes the term
Current_LSB, which is the chosen value for the LSB for the READ_IIN command. As Equation 2 shows, the
highest resolution for current measurements can be obtained by using the smallest allowable Current_LSB based
on the maximum expected current. Although this value yields the highest resolution, the Current_LSB value is
commonly selected as the nearest full number above this value to simplify the conversion of returned values for
current and power to amperes and watts, respectively. The RSHUNT term is the value of the external shunt used to
develop the differential voltage across the input pins.
where
•
0.00512 is an internal fixed value used to ensure that scaling is maintained properly
(1)
(2)
After programming the calibration register, the values returned by the read current, power, and energy
commands update accordingly based on the corresponding shunt voltage and bus voltage measurements.
Returned values for voltage, current, and power are calculated by multiplying the appropriate LSB value by the
returned value, or can be calculated with PMBus coefficients as detailed in the Reading and Writing Telemetry
Data and Warning Thresholds section. The size of the Power_LSB is internally set as 25 times the selected
Current_LSB. The voltage LSB for bus voltage (READ_VIN and READ_VOUT commands) and shunt voltage
(MFR_READ_VSHUNT) are fixed at 1.25 mV/bit and 2.5 µV/bit, respectively.
The MFR_CALIBRATION command allows the values returned by the READ_IN and READ_PIN commands to
be scaled to the most useful value for a given application. For example, set the MFR_CALIBRATION register so
that the largest possible number is returned by the READ_IN and READ_PIN commands at the expected full-
scale point. This approach yields the highest resolution using the previously calculated minimum Current_LSB in
Equation 1. The calibration register can also be selected so that READ_IN and READ_PIN return direct decimal
equivalents of the values being measured, or to yield a full LSB value for each corresponding register.
7.5.3 Reading and Writing Telemetry Data and Warning Thresholds
All telemetry data are measured using a 16-bit ADC. Telemetry data and user-programmed warning thresholds
are communicated in 16-bit, two's compliment, signed data. Data are read or written in 2-byte increments
conforming to the DIRECT format as described in section 8.3.3 of the PMBus Power System Management
Protocol Specification 1.3 Part II. Device telemetry uses all 16 bits of the internal ADC; however, the warning
registers only use the upper 12 bits for out-of-range comparisons. See each individual warning command
(IOUT_OC_WARN_LIMIT, VIN_OV_WARN_LIMIT, VIN_UV_WARN_LIMIT, and PIN_OP_WARN_LIMIT) for the
format of the warning threshold word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com