Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 39 Page - Texas Instruments

Back Button INA233 Datasheet HTML 35Page - Texas Instruments INA233 Datasheet HTML 36Page - Texas Instruments INA233 Datasheet HTML 37Page - Texas Instruments INA233 Datasheet HTML 38Page - Texas Instruments INA233 Datasheet HTML 39Page - Texas Instruments INA233 Datasheet HTML 40Page - Texas Instruments INA233 Datasheet HTML 41Page - Texas Instruments INA233 Datasheet HTML 42Page - Texas Instruments INA233 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
39
INA233
www.ti.com
SBOS790 – APRIL 2017
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6.3.7 TI_MFR_ID (E0h) [value = 01010100 01001001]
Figure 40. TI_MFR_ID
15
14
13
12
11
10
9
8
ID15
ID14
ID13
ID12
ID11
ID10
ID9
ID8
R-0
R-1
R-0
R-1
R-0
R-1
R-0
R-0
7
6
5
4
3
2
1
0
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
R-0
R-1
R-0
R-0
R-0
R-0
R-0
R-1
Table 32. TI_MFR_ID Field Descriptions
Bit
Field
Type
Value
Description
15
ID15
R
0
This command returns the same two bytes of data as the Read
MFR_ID command except in an I2C-compatible format of word
read. The value that the device returns is ASCII TI (5449h).
14
ID14
R
1
13
ID13
R
0
12
ID12
R
1
11
ID11
R
0
10
ID10
R
1
9:7
ID[9:7]
R
0
6
ID6
R
1
5:1
ID[5:1]
R
0
0
ID0
R
1
7.6.3.8 TI_MFR_MODEL (E1h) [value = 00110011 00110011]
Figure 41. TI_MFR_MODEL
15
14
13
12
11
10
9
8
MD15
MD14
MD13
MD12
MD11
MD10
MD9
MD8
R-0
R-0
R-1
R-1
R-0
R-0
R-1
R-1
7
6
5
4
3
2
1
0
MD7
MD6
MD5
MD4
MD3
MD2
MD1
MD0
R-0
R-0
R-1
R-1
R-0
R-0
R-1
R-1
Table 33. TI_MFR_MODEL Field Descriptions
Bit
Field
Type
Value
Description
15:14
MD[15:14]
R
0
This command returns the two bytes of data coded to represent
the manufacturer model. The value that the device returns is
ASCII 33.
13:12
MD[13:12]
R
1
11:10
MD[11:10]
R
0
9:8
MD[9:8]
R
1
7:6
MD[7:6]
R
0
5:4
MD[5:4]
R
1
3:2
MD[3:2]
R
0
1:0
MD[1:0]
R
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com