Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA233 Datasheet HTML 18Page - Texas Instruments INA233 Datasheet HTML 19Page - Texas Instruments INA233 Datasheet HTML 20Page - Texas Instruments INA233 Datasheet HTML 21Page - Texas Instruments INA233 Datasheet HTML 22Page - Texas Instruments INA233 Datasheet HTML 23Page - Texas Instruments INA233 Datasheet HTML 24Page - Texas Instruments INA233 Datasheet HTML 25Page - Texas Instruments INA233 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
t
(BUF)
S
S
P
P
22
INA233
SBOS790 – APRIL 2017
www.ti.com
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Values are based on a statistical analysis of a one-time sample of devices. Minimum and maximum values are not specified and are not
production tested.
7.5.6.3.2
Bus Timing Requirements
When the bus is idle, both the SDA and SCL lines are pulled high by the pullup resistors. The master generates
a START condition followed by a valid serial byte containing high-speed (HS) master code 00001XXX. This
transmission can be made at 400-kHz data rates. Figure 30 shows a timing diagram for the bus and Table 3 lists
the bus timing definitions.
Figure 30. Bus Timing Diagram
Table 3. Bus Timing Definitions(1)
MIN
MAX
UNIT
f(SCL)
SCL operating frequency
10
400
kHz
t(BUF)
Bus free time between STOP and START conditions
0.6
µs
t(HDSTA)
Hold time after a repeated START condition.
After this period, the first clock is generated.
0.6
µs
t(SUSTA)
Repeated START condition setup time
0.6
µs
t(SUSTO)
STOP condition setup time
0.6
µs
t(HDDAT)
Data hold time
0
ns
t(SUDAT)
Data setup time
100
ns
t(LOW)
SCL clock low period
1.3
µs
t(HIGH)
SCL clock high period
0.6
50
µs
tF
Data fall time
300
ns
tF
Clock fall time
300
ns
tR
Clock rise time
300
ns
7.5.6.4 SMBus Alert Response
When SMBus alerts are latched, the INA233 is designed to respond to the SMBus alert response address. The
SMBus alert response provides a quick fault identification for simple slave devices. When an alert occurs, the
master can broadcast the alert response slave address (0001 100) with the R/W bit set high. Following this alert
response, any slave device that generates an alert is identified by acknowledging the alert response and sending
its address on the bus.
The alert response can activate several different slave devices simultaneously, similar to the I2C general call. If
more than one slave attempts to respond, bus arbitration rules apply and the device with the lowest address wins
and is serviced first. The losing devices do not generate an Acknowledge and continue to hold the alert line low
until the interrupt is cleared. The winning device responds with its address and releases the SMBus alert line.
Even though the INA233 releases the SMBus line, the internal error flags are not cleared until done so by the
host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com