Electronic Components Datasheet Search
  English  ▼

X  

INA233 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # INA233
Description  High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA233 Datasheet(HTML) 44 Page - Texas Instruments

Back Button INA233 Datasheet HTML 40Page - Texas Instruments INA233 Datasheet HTML 41Page - Texas Instruments INA233 Datasheet HTML 42Page - Texas Instruments INA233 Datasheet HTML 43Page - Texas Instruments INA233 Datasheet HTML 44Page - Texas Instruments INA233 Datasheet HTML 45Page - Texas Instruments INA233 Datasheet HTML 46Page - Texas Instruments INA233 Datasheet HTML 47Page - Texas Instruments INA233 Datasheet HTML 48Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Supply Bypass
Capacitor
A0
A1
SDA
ALERT
IN+
IN±
GND
VBUS
SCL
VS
(1)
I
2
C, SMBus
Interface
Via to Ground Plane
Via to Power Plane
Alert Output
(Can be left floating if unused)
Sense, Shunt
Resistor
44
INA233
SBOS790 – APRIL 2017
www.ti.com
Product Folder Links: INA233
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Power Supply Recommendations
The device input circuitry can accurately measure signals on common-mode voltages beyond the power-supply
voltage, VVS. For example, the voltage applied to the VS power supply pin can be 5 V, whereas the load power-
supply voltage being monitored (the common-mode voltage) can be as high as 36 V. The device can also
withstand the full 0-V to 36-V range at the input pins, regardless of whether the device has power applied or not.
Place the required power-supply bypass capacitors as close as possible to the supply and ground pins of the
device to ensure stability. A typical value for this supply bypass capacitor is 0.1 µF. Applications with noisy or
high-impedance power supplies can require additional decoupling capacitors to reject power-supply noise.
10 Layout
10.1 Layout Guidelines
Connect the input pins (IN+ and IN–) to the sensing resistor using a Kelvin connection or a 4-wire connection.
These connection techniques ensure that only the current-sensing resistor impedance is detected between the
input pins. Poor routing of the current-sensing resistor commonly results in additional resistance present between
the input pins. Given the very low ohmic value of the current-sensing resistor, any additional high-current carrying
impedance causes significant measurement errors. Place the power-supply bypass capacitor as close as
possible to the supply and ground pins.
10.2 Layout Example
(1)
Connect the VBUS pin to the power-supply rail.
Figure 46. INA233 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com